전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • AD7912AUJ-R2

  • AI
    The **AD7912AUJ-R2** is a high-performance, dual-channel, 12-bit Analog-to-Digital Converter (ADC) manufactured by Analog Devices. It is designed for high-speed, low-power applications where space and power efficiency are critical. --- ### ## Technical Specifications Below are the primary electrical and physical characteristics of the component: | Feature | Specification | | :--- | :--- | | **Resolution** | 12-Bit | | **Number of Channels** | 2 (Dual) | | **Throughput Rate** | Up to 1 MSPS (Mega Samples Per Second) | | **Interface** | High-speed Serial (SPI/QSPI/MICROWIRE/DSP Compatible) | | **Power Supply** | 2.35 V to 5.25 V | | **Power Consumption** | ~3.6 mW (Normal Mode), <1 µW (Power-down Mode) | | **Package Type** | TSOT-23-8 (Tiny Surface Mount) | | **Operating Temp** | -40°C to +125°C | --- ### ## Key Electronic Components & Architecture 1. **Successive Approximation Register (SAR):** The core of the AD7912 is a SAR architecture. Unlike "Flash ADCs," SAR ADCs provide a great balance between high resolution and low power consumption by using a binary search algorithm to determine the digital value of an analog input. 2. **Sample-and-Hold Amplifier:** It features an internal track-and-hold circuit that can handle input frequencies up to several megahertz, ensuring the signal remains stable during the conversion process. 3. **Control Logic & Serial Interface:** The part uses a **CS (Chip Select)**, **SCLK (Serial Clock)**, and **SDATA (Serial Data)** line. The dual-channel nature allows it to output data for two separate analog inputs over a single serial line. 4. **Power Management:** It includes an automatic power-down feature. The device powers up only when a conversion is initiated via the CS line, making it ideal for battery-operated devices. --- ### ## Typical Application Circuit When integrating the AD7912, the following peripheral components are usually required: * **Decoupling Capacitors:** Typically a 0.1 µF ceramic capacitor in parallel with a 10 µF tantalum capacitor placed close to the $V_{DD}$ pin to filter high-frequency noise. * **Reference Voltage:** The device uses the supply voltage ($V_{DD}$) as the reference. Therefore, a stable, low-noise power supply (or a dedicated voltage reference LDO) is necessary for high accuracy. * **Anti-Aliasing Filter:** A simple RC low-pass filter at the $V_{IN}$ pins to prevent high-frequency noise from aliasing into the Nyquist bandwidth. --- ### ## Use Cases * **Battery-powered systems:** Due to the micro-power consumption. * **Instrumentation and Control:** For monitoring sensors (temperature, pressure, etc.). * **Data Acquisition Systems:** High-speed sampling in a small footprint. * **Automotive Systems:** High-temperature tolerance (up to 125°C).
    ✨ Follow-up Questions
    • ⤷ What is the difference between the AD7912 and the AD7922?
    • ⤷ How does the power-down mode affect the maximum sampling rate?
    • ⤷ Can I use this ADC with a 3.3V Raspberry Pi or Arduino?