전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • AD8007AKS-R2

  • AI
    ## Technical Overview of the AD8007AKS-R2 The **AD8007AKS-R2** is a high-performance, ultra-low distortion, current feedback operational amplifier (Op-Amp) manufactured by **Analog Devices**. It is specifically designed for high-speed signal processing where signal integrity is critical. --- ### 1. Key Technical Specifications The following table summarizes the primary electronic characteristics of the AD8007: | Feature | Specification | | :--- | :--- | | **Bandwidth (-3 dB)** | 650 MHz ($G = +1$) | | **Slew Rate** | 1000 V/µs | | **Supply Voltage Range** | 5V to 12V (Single or Dual) | | **Quiescent Current** | 9 mA | | **Output Current** | 50 mA | | **Distortion (SFDR)** | -83 dBc @ 20 MHz | | **Package Type** | SC70-5 (AKS designation) | --- ### 2. Functional Components and Architecture The AD8007 is built using a proprietary **XFCB (Extra Fast Complementary Bipolar)** process. Its internal electronic architecture focuses on several key areas: * **Current Feedback Topology:** Unlike standard voltage feedback op-amps, the current feedback design allows for a much higher slew rate and a bandwidth that is relatively independent of the closed-loop gain. * **Input Stage:** Features a high-impedance non-inverting input and a low-impedance inverting input, characteristic of CFB amplifiers. * **Output Stage:** Optimized for driving low-capacitance loads while maintaining low harmonic distortion, making it ideal for driving ADC (Analog-to-Digital Converter) inputs. --- ### 3. Pin Configuration (SC70-5 Package) The "AKS" suffix refers to the ultra-small 5-lead SC70 package. The pinout typically follows this standard arrangement: 1. **Vout:** Output Signal. 2. **V-:** Negative Supply (or Ground in single-supply mode). 3. **+In:** Non-inverting Input. 4. **-In:** Inverting Input. 5. **V+:** Positive Supply. --- ### 4. Common Applications Due to its high speed and low noise, this part is commonly used in: * **Instrumentation:** High-speed test equipment and pulse amplifiers. * **Video Electronics:** Professional video line drivers and switchers. * **Communication:** Base station power amplifier control loops. * **ADC Buffering:** Driving high-speed 12-bit to 16-bit ADCs. --- ### 5. Implementation Example When designing a circuit with the AD8007, the feedback resistor ($R_f$) value is critical for stability. ```python # Theoretical Bandwidth Calculation for CFB Op-Amps # Note: Bandwidth is largely determined by the Feedback Resistor (Rf) # rather than the Gain-Bandwidth Product (GBW). rf_recommended = 499 # Typical Ohms for Gain = +2 gain = 1 + (rf_recommended / rg) ``` ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the AD8007 and AD8008?
    • ⤷ How does the current feedback topology affect the choice of the feedback resistor?
    • ⤷ What are the thermal considerations for the SC70-5 package at high frequencies?