전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • AD8057ART-R2

  • AI
    The **AD8057ART-R2** is a high-speed, voltage feedback operational amplifier manufactured by Analog Devices. It is designed for applications requiring high bandwidth, low distortion, and low power consumption. --- ### 1. Key Technical Specifications The AD8057 series is known for its performance-to-power ratio. Below are the primary technical parameters: | Feature | Specification | | :--- | :--- | | **Bandwidth (-3 dB)** | 325 MHz | | **Slew Rate** | 1150 V/µs | | **Supply Voltage Range** | 3V to 12V (Single or Dual) | | **Supply Current** | 6.0 mA (Typical) | | **Settling Time (0.1%)** | 22 ns | | **Output Current** | 60 mA | | **Package Type** | SOT-23-5 (RT-5) | --- ### 2. Part Number Breakdown: AD8057ART-R2 The suffixing in electronic components provides specific data regarding packaging and delivery: * **AD8057**: The base functional model (Single High-Speed Op-Amp). * **ART**: Refers to the package code. **RT** stands for the SOT-23 (Small Outline Transistor) 5-lead package. * **R2**: Indicates the tape and reel size. Specifically, **R2** typically denotes a 7-inch reel containing 250 units (as opposed to R7 or RL which are larger quantities). --- ### 3. Core Features and Advantages * **High Speed:** With a 325 MHz bandwidth and high slew rate, it is capable of handling rapid signal transitions without significant distortion. * **Low Distortion:** It maintains excellent signal integrity, making it suitable for driving high-speed Analog-to-Digital Converters (ADCs). * **Low Power:** It draws only 6 mA, which is relatively low for an amplifier with such high-frequency capabilities. * **Versatile Power Supply:** It can operate on a single 5V supply or a dual ±5V supply. --- ### 4. Common Applications Due to its high-speed characteristics, the AD8057ART-R2 is commonly found in: 1. **Video Electronics:** Driving professional video cables and filters. 2. **ADC Drivers:** Acting as a buffer or gain stage before high-speed data acquisition. 3. **Optical Networking:** Photodiode preamps and transimpedance amplification. 4. **Communication Base Stations:** Signal processing and IF (Intermediate Frequency) stages. --- ### 5. Pin Configuration (SOT-23-5) ```text Pin 1: VOUT (Output) Pin 2: V- (Negative Supply / Ground) Pin 3: +IN (Non-inverting Input) Pin 4: -IN (Inverting Input) Pin 5: V+ (Positive Supply) ```
    ✨ Follow-up Questions
    • ⤷What are the primary differences between the AD8057 and the dual-channel AD8058?
    • ⤷ How does the slew rate of 1150 V/µs impact signal integrity in high-frequency designs?
    • ⤷ What decoupling capacitor values are recommended for the AD8057 in a 5V circuit?