전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • AD8065WARTZ-R7

  • AI
    ## Overview of the AD8065WARTZ-R7 The **AD8065WARTZ-R7** is a high-performance, high-speed FET input operational amplifier manufactured by **Analog Devices**. It belongs to the **FastFET™** family, known for combining high speed with low input bias current. The "W" in the part number signifies that it is **Automotive Grade**, making it suitable for rigorous environments. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Input Type** | FET (Field-Effect Transistor) | | **Bandwidth (-3 dB)** | 145 MHz | | **Slew Rate** | 180 V/µs | | **Supply Voltage Range** | 5 V to 24 V (Single) or ±2.5 V to ±12 V (Dual) | | **Input Bias Current** | 1 pA (Typical) | | **Settling Time** | 55 ns to 0.1% | | **Package Type** | SOT-23-5 (Small Outline Transistor) | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Part Number Breakdown Understanding the nomenclature helps identify the specific features of this component: * **AD8065**: The base model number for this single op-amp. * **W**: Indicates **Automotive Qualified** (AEC-Q100 compliant). * **A**: Denotes the grade/performance level. * **RTZ**: Refers to the **SOT-23-5** package type. * **R7**: Specifies the packaging format (**7-inch Reel**, typically 3,000 units). --- ### 3. Core Features and Benefits 1. **FastFET Technology**: By using FET inputs instead of Bipolar, the device achieves extremely low input bias currents ($1\text{ pA}$), which is critical for photodiode preamps or high-impedance sensors. 2. **Wide Supply Range**: Unlike many high-speed op-amps limited to 5V, the AD8065 can operate up to 24V, allowing for a wider dynamic range. 3. **High Speed**: With a 145 MHz bandwidth and 180 V/µs slew rate, it is capable of processing fast-changing signals without distortion. 4. **Rail-to-Rail Output**: This allows the output signal to swing very close to the supply rails, maximizing the signal-to-noise ratio. --- ### 4. Typical Applications Due to its high speed and low bias current, the AD8065WARTZ-R7 is commonly used in: * **Photodiode Amplifiers**: Converting light signals into voltage in optical communication or sensing. * **Automotive Systems**: Driver assistance systems (ADAS), infotainment, and engine control units where reliability is key. * **Filters**: High-order active filters requiring high precision. * **ADC Drivers**: Buffering signals before they enter an Analog-to-Digital Converter to ensure signal integrity. --- ### 5. Schematic Symbol Representation ```text V+ (Pin 5) | |\| IN+ --| \ (Pin 3) | >-- OUT (Pin 1) IN- --| / (Pin 4) |/ | V- (Pin 2) ```
    ✨ Follow-up Questions
    • ⤷What are the main differences between the AD8065 and the AD8066?
    • ⤷ How does 'Automotive Grade' status affect the testing and reliability of this part?
    • ⤷ What are the common design challenges when using FET-input op-amps at high frequencies?