전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • AD8067ARTZ-R2

  • AI
    The **AD8067ARTZ-R2** is a high-performance, voltage feedback operational amplifier developed by Analog Devices. It is part of the FastFET™ family, known for combining high speed with extremely low input bias current. --- ## 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the AD8067ARTZ-R2: | Parameter | Specification | | :--- | :--- | | **Architecture** | FET Input (FastFET™) | | **Bandwidth (-3 dB)** | 54 MHz | | **Slew Rate** | 640 V/µs | | **Input Bias Current** | 0.6 pA (Typical) | | **Supply Voltage Range** | 5 V to 24 V (or ±2.5 V to ±12 V) | | **Input Offset Voltage** | 1.0 mV (Maximum) | | **Package Type** | SOT-23-5 (Surface Mount) | --- ## 2. Core Electronic Features ### High-Speed Performance With a **640 V/µs slew rate** and a **54 MHz bandwidth**, this op-amp is designed for high-frequency signal processing. It can handle rapid transitions in signal voltage without significant distortion, making it ideal for pulse amplification. ### FET Input Stage The "FastFET" technology utilizes Field-Effect Transistors at the input. This results in an **extremely low input bias current (pA range)**. This is crucial when interfacing with high-impedance sensors, as it prevents the op-amp from loading the source and introducing measurement errors. ### Wide Supply Range Unlike many high-speed op-amps that are limited to 5V or 12V, the AD8067 can operate up to **24V**. This provides significant headroom for large dynamic range signals. --- ## 3. Typical Applications The AD8067ARTZ-R2 is commonly integrated into the following systems: 1. **Photodiode Preamplifiers:** Due to the low input bias current, it is excellent for converting small currents from light sensors into measurable voltages. 2. **Precision Instrumentation:** Used in medical and scientific equipment where signal integrity is paramount. 3. **A/D Driver:** Driving high-speed Analog-to-Digital Converters (ADCs) with minimal noise injection. 4. **Active Filters:** Designing high-order filters that require wide bandwidth and high input impedance. --- ## 4. Pin Configuration (SOT-23-5) Below is the standard pinout for the ARTZ (SOT-23) package variant: ```text _______ |1 5 | 1: V_OUT (Output) | | 2: V- (Negative Supply) |2 4 | 3: +IN (Non-inverting Input) | 3 | 4: -IN (Inverting Input) ------- 5: V+ (Positive Supply) ``` ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the AD8067 and the AD8065?
    • ⤷ How does the input bias current affect transimpedance amplifier design?
    • ⤷ What decoupling capacitor values are recommended for this part?