전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • AD8099ACP-R2

  • AI
    ## Technical Overview of the AD8099ACP-R2 The **AD8099ACP-R2** is an ultra-low noise, high-speed operational amplifier manufactured by Analog Devices. It is specifically designed for applications requiring high precision and extreme bandwidth. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Type** | Voltage Feedback Operational Amplifier | | **Bandwidth (-3 dB)** | 700 MHz (at G = +10) | | **Slew Rate** | 1350 V/µs | | **Input Voltage Noise** | 0.95 nV/√Hz | | **Input Current Noise** | 2.6 pA/√Hz | | **Supply Voltage Range** | 5 V to 12 V (Single or Dual) | | **Output Current** | 150 mA | | **Package Type** | LFCSP-8 (Lead Frame Chip Scale Package) | --- ### 2. Core Features & Architecture * **Ultra-Low Noise:** With a voltage noise density of less than **1 nV/√Hz**, it is one of the quietest high-speed op-amps available, making it ideal for weak signal amplification. * **High Slew Rate:** The 1350 V/µs rating allows the amplifier to respond almost instantaneously to large signal changes, preventing signal distortion at high frequencies. * **Advanced Pinout:** Unlike standard op-amps, the AD8099 uses a specialized pinout to minimize parasitic capacitance and inductance, which helps in maintaining stability at high speeds. * **External Compensation:** It features a compensation pin that allows users to optimize the bandwidth and stability based on the specific gain required for the circuit. --- ### 3. Application Areas 1. **Pre-amplification:** Used in ultrasound, sonar, and radar receivers where signal integrity is paramount. 2. **ADC Drivers:** Acts as a buffer/driver for high-speed Analog-to-Digital Converters to ensure accurate data conversion. 3. **Instrumentation:** High-end test equipment and medical imaging devices. 4. **Optical Networking:** Used in transimpedance amplifiers (TIA) for fiber optic receivers. --- ### 4. Typical Connection Diagram (Pseudo-Code/Logic) To utilize the AD8099, the circuit layout is critical due to its high frequency. ```c // Conceptual Pinout Configuration for LFCSP-8 Pin 1: VOUT // Output Signal Pin 2: V- // Negative Power Supply Pin 3: +IN // Non-inverting Input Pin 4: -IN // Inverting Input Pin 5: COMP // External Compensation Pin Pin 6: V+ // Positive Power Supply Pin 7: EN // Enable/Disable Pin Pin 8: FB // Feedback Pin (Internal connection) ``` ---
    ✨ Follow-up Questions
    • ⤷How does the external compensation pin improve stability in high-gain applications?
    • ⤷ What are the PCB layout recommendations to minimize noise for the AD8099?
    • ⤷ What is the difference between the AD8099 and the AD8091 series?