전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • AD8141ACPZ-R2

  • AI
    ## AD8141ACPZ-R2: Overview and Technical Specifications The **AD8141ACPZ-R2** is a high-speed, triple differential driver specifically designed for high-resolution video signals over twisted-pair cables (like Cat-5). It is manufactured by **Analog Devices**. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Type** | Triple Differential Driver (Video Amp) | | **Bandwidth (-3 dB)** | 270 MHz | | **Slew Rate** | 1050 V/µs | | **Supply Voltage (Single)** | 4.5V to 12V | | **Supply Voltage (Dual)** | ±2.25V to ±6V | | **Package Type** | LFCSP-24 (Lead Frame Chip Scale Package) | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Core Functional Parts & Internal Architecture The AD8141 is composed of several critical internal blocks that ensure signal integrity for video transmission: * **Triple Differential Drivers:** Contains three independent channels (typically for Red, Green, and Blue or Y, Pb, Pr signals). * **Internal Common-Mode Feedback:** This circuit stabilizes the output common-mode voltage, which is essential for maintaining balance in differential signaling. * **Gain Stage:** It features a fixed gain of 2 (G=+2). This compensates for the 6 dB loss typically encountered when using back-terminated 75Ω or 100Ω transmission lines. * **Sync-on-Common-Mode:** This specialized circuitry allows for horizontal and vertical sync information to be embedded onto the common-mode voltage of the differential pairs, saving extra wires. --- ### 3. Application Areas The AD8141 is primarily utilized in systems where high-quality video must be transmitted over distances: 1. **KVM (Keyboard-Video-Mouse) Extenders:** Transmitting VGA/RGB signals over Ethernet cables. 2. **Digital Signage:** Sending high-resolution video to remote displays. 3. **Security Surveillance:** Connecting analog high-definition cameras to recording equipment. 4. **Component Video Distribution:** Splitting and driving YPbPr signals in pro-AV setups. --- ### 4. Pin Configuration Highlights (LFCSP-24) | Pin Category | Description | | :--- | :--- | | **IN_R/G/B** | High-impedance single-ended inputs for the three video channels. | | **OUT_x+ / OUT_x-** | Differential outputs designed to drive 100Ω or 150Ω loads. | | **VOCM** | Input to set the output common-mode voltage level. | | **VCC / VEE** | Power supply pins (Positive and Negative/Ground). | | **Exposed Pad** | Must be soldered to the PCB ground plane for thermal dissipation. | ---
    ✨ Follow-up Questions
    • ⤷ How does the 'Sync-on-Common-Mode' feature reduce cabling costs?
    • ⤷ What are the layout considerations for the LFCSP-24 package in high-speed designs?
    • ⤷ What is the difference between the AD8141 and the AD8142 variants?