전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • AD8142ACPZ-R2

  • AI
    ## AD8142ACPZ-R2 Technical Overview The **AD8142ACPZ-R2** is a specialized high-speed triple differential driver designed by Analog Devices. It is primarily used for transmitting high-resolution video signals (RGB or YPbPr) over twisted-pair cables, such as Cat-5. ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Type** | Triple Differential Driver (High Speed) | | **Channels** | 3 (RGB/YPbPr Support) | | **Bandwidth (-3 dB)** | 210 MHz | | **Slew Rate** | 600 V/µs | | **Differential Gain** | 0.05% | | **Differential Phase** | 0.05° | | **Operating Voltage** | 4.5V to 12V (Single or Dual Rail) | | **Package Type** | 24-Lead LFCSP (4mm x 4mm) | --- ### 2. Core Functionality and Features The device serves as the "transmitter" in a video-over-UTP (Unshielded Twisted Pair) system. Its main roles include: * **Single-Ended to Differential Conversion:** It converts standard single-ended video signals into balanced differential signals, which are highly resistant to electromagnetic interference (EMI). * **Common-Mode Output Control:** It features specialized circuitry to manage the common-mode levels of the output signals, ensuring stability over long cable runs. * **Sync-on-Common Mode:** One of its most unique features is the ability to embed horizontal and vertical synchronization signals (H-sync and V-sync) into the common-mode levels of the three differential outputs. This saves extra wires or specialized sync pins. * **Adjustable Gain:** It typically has a fixed gain of 2, which compensates for the termination losses at the receiver end. --- ### 3. Applications The AD8142 is predominantly found in professional and industrial video distribution hardware: 1. **KVM (Keyboard, Video, Mouse) Extenders:** Transmitting video from a PC to a remote console. 2. **Digital Signage:** Sending high-quality video to displays across large buildings using inexpensive Cat-5 cabling. 3. **Security/CCTV:** Long-distance analog video transmission. 4. **Video Matrix Switchers:** High-density routing of video signals. --- ### 4. Comparison: AD8142 vs. Standard Operational Amplifiers While it contains op-amp-like structures, it is highly optimized for video: ```cpp // Pseudocode Logic for Sync-on-Common Mode if (H_Sync == HIGH && V_Sync == LOW) { Adjust_Common_Mode_Channel_1(Level_A); Adjust_Common_Mode_Channel_2(Level_B); } ``` * **Standard Op-Amp:** Requires external discrete components to handle differential conversion and sync-mixing. * **AD8142:** Integrates all these functions into a small 4mm x 4mm footprint, reducing PCB complexity and power consumption. ---
    ✨ Follow-up Questions
    • ⤷ How does the 'Sync-on-Common Mode' feature affect signal integrity over long distances?
    • ⤷ What are the recommended receiver ICs to pair with the AD8142?
    • ⤷ What is the difference between the R2 and R7 suffixes for this part number?