전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • AD8143ACPZ-R2

  • AI
    # AD8143ACPZ-R2: High-Speed Differential Receiver The **AD8143ACPZ-R2** is a high-speed, triple differential-to-single-ended receiver designed by Analog Devices. It is primarily used for receiving signals transmitted over twisted-pair cables (like Cat5/Cat6) in professional video and data distribution systems. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Type** | Differential Receiver (Triple) | | **Bandwidth (-3 dB)** | 160 MHz | | **Slew Rate** | 500 V/µs | | **Supply Voltage Range** | 4.5V to 12V (Total) | | **Package Type** | LFCSP-32 (5mm x 5mm) | | **Input Common-Mode Range** | ±10.5 V (on ±5 V supplies) | | **Output Type** | Single-Ended | --- ### 2. Core Functional Parts & Architecture The device consists of three independent channels, each optimized for high-speed signal integrity. * **Differential Input Stage:** Features high common-mode rejection (CMRR), which is critical for suppressing noise picked up over long cable runs. * **Internal Gain:** Typically set to a fixed gain of 1, but designed to work with external equalization networks to compensate for high-frequency cable loss. * **Common-Mode Feedback:** Specifically designed to handle large common-mode offsets that occur in long-distance transmissions. * **Enable/Disable Pins:** Allows for power-down modes to save energy when specific channels are not in use. --- ### 3. Application Areas 1. **KVM (Keyboard-Video-Mouse) Extenders:** Transmitting high-resolution video over long distances via UTP cables. 2. **CCTV/Surveillance:** Reliable analog video transmission in environments with high electrical interference. 3. **RGB Video Distribution:** Since it contains three receivers, it is perfectly suited for Red, Green, and Blue component video signals. 4. **Differential Signal Buffering:** General-purpose high-speed signal conversion from differential to single-ended. --- ### 4. Implementation Example (Schematic Logic) In a typical circuit, the AD8143 sits at the end of a transmission line. ```python # Simplified Signal Path Logic Input: Differential Signal (Vp, Vn) over Cat5 | V [AD8143 Receiver] |--> Filter/Equalizer (Compensate for Cable Loss) |--> Differential to Single-Ended Conversion | V Output: Clean Single-Ended Video Signal (0-0.7V) ``` --- ### 5. Part Number Breakdown * **AD8143:** Model Series (Triple Differential Receiver). * **ACPZ:** Lead-free (RoHS compliant) LFCSP package. * **R2:** Packaging suffix (typically refers to small reel size or specific tape and reel quantity).
    ✨ Follow-up Questions
    • ⤷ What is the maximum distance for Cat5 cable when using the AD8143?
    • ⤷ How does the AD8143 compare to the AD8145 in terms of performance?
    • ⤷ What external components are required for cable equalization with this chip?