전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • AD8145YCPZ-R2

  • AI
    The **AD8145YCPZ-R2** is a high-speed, triple differential-to-single-ended receiver developed by Analog Devices. It is specifically designed for receiving high-resolution video signals over twisted-pair cables (like Cat5/Cat6). ### 1. Key Specifications The following table summarizes the primary electrical characteristics of the AD8145: | Parameter | Specification | | :--- | :--- | | **Type** | Triple Differential Receiver | | **Bandwidth (-3 dB)** | 600 MHz | | **Slew Rate** | 2000 V/µs | | **Common-Mode Rejection (CMRR)** | 80 dB @ 10 MHz | | **Supply Voltage Range** | 4.5V to 12V (Total) | | **Operating Current** | ~50 mA | | **Package** | LFCSP-32 (5mm x 5mm) | --- ### 2. Functional Core Components The device consists of three independent channels, each containing the following sub-sections: #### A. Differential Input Stage The inputs are high-impedance, designed to interface with differential signals. It features an exceptionally high **Common-Mode Rejection Ratio (CMRR)**, which is critical for suppressing noise picked up by long lengths of twisted-pair cabling. #### B. Adjustable Gain & VCOM * **VCOM Input:** Allows the user to set the output common-mode level, making it easy to interface with ADCs or different video standards. * **Enable/Disable:** Each channel can be powered down to save energy in portable or multi-receiver applications. #### C. High-Speed Output Drivers The output stage is capable of driving 150 $\Omega$ loads (standard video termination) while maintaining high linearity and low distortion. --- ### 3. Application Use Cases Due to its high bandwidth and slew rate, this part is predominantly used in: 1. **KVM (Keyboard-Video-Mouse) Extenders:** Transmitting VGA/RGB signals over long distances. 2. **Digital Signage:** Sending high-quality video to remote displays using inexpensive UTP cables. 3. **Security Surveillance:** Receiving analog high-definition video feeds. --- ### 4. Hardware Design Implementation When integrating the AD8145YCPZ-R2 into a PCB, consider the following code-style checklist for layout: ```yaml PCB_Design_Guidelines: Decoupling: "Place 0.1uF and 10uF capacitors as close to Vcc/Vee pins as possible." Grounding: "Use a solid ground plane; keep analog and digital grounds separated if necessary." Termination: "Ensure 100-ohm differential termination at the input for Cat5 cables." Thermal: "The LFCSP package has an exposed pad; it must be soldered to the PCB ground for heat dissipation." ```
    ✨ Follow-up Questions
    • What are the main differences between the AD8145 and the AD8143?
    • How do you calculate the termination resistance for a specific cable impedance?
    • Can the AD8145 be used for digital signals like LVDS?