전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • AD8148ACPZ-R2

  • AI
    ## Overview of the AD8148ACPZ-R2 The **AD8148ACPZ-R2** is a high-speed, differential-to-differential receiver/driver designed by Analog Devices. It is primarily used for transmitting high-resolution video signals and high-speed data over twisted-pair cables (like Cat-5 or Cat-6). It is particularly valued for its wide bandwidth and adjustable gain. --- ### Technical Specifications | Parameter | Specification | | :--- | :--- | | **Type** | Differential Receiver / Driver | | **Bandwidth (-3 dB)** | 700 MHz | | **Slew Rate** | 1150 V/µs | | **Gain Options** | Fixed Gain of 4 (Internal) | | **Operating Supply Voltage** | 4.5V to 12V (Total) | | **Supply Current** | 48 mA | | **Package Type** | LFCSP-24 (4x4 mm) | | **Mounting Type** | Surface Mount | --- ### Key Features and Electronic Characteristics 1. **Wide Bandwidth:** At 700 MHz, this chip is capable of handling high-definition video formats (up to UXGA or 1080p) without significant signal degradation. 2. **Differential Driving:** It converts single-ended or differential signals into balanced differential outputs. This is crucial for noise immunity over long cable runs. 3. **Adjustable Peaking:** The device includes a "peaking" control pin. This allows engineers to compensate for high-frequency losses typically caused by long copper cables. 4. **Common-Mode Control:** It features an internal common-mode feedback loop that ensures the output balance is maintained, reducing electromagnetic interference (EMI). --- ### Typical Pin Configuration (LFCSP-24) | Pin Function | Description | | :--- | :--- | | **INP / INN** | Positive and Negative Differential Inputs. | | **OUTP / OUTN** | Positive and Negative Differential Outputs. | | **VOCM** | Sets the output common-mode voltage. | | **PEAK** | Control pin for high-frequency compensation. | | **V+ / V-** | Positive and Negative Power Supply pins. | | **EP** | Exposed Pad (must be connected to the ground plane for thermal dissipation). | --- ### Common Applications * **RGB Video Transmission:** Sending high-quality video over Unshielded Twisted Pair (UTP) cables. * **KVM (Keyboard, Video, Mouse) Switches:** Maintaining signal integrity between computers and remote consoles. * **Digital Signage:** Distributing video content across large venues. * **Differential Signal Buffering:** Used in high-speed data acquisition systems to drive ADCs. --- ### Example Implementation Snippet When designing a PCB for the AD8148, thermal management is critical. The following is a pseudo-layout guideline: ```markdown 1. Place 0.1uF and 10uF decoupling capacitors as close to V+ and V- as possible. 2. Connect the Exposed Pad (EP) to the largest possible copper area (Ground). 3. Match the trace lengths of OUTP and OUTN to prevent phase skew. 4. Keep input impedance at 50 or 75 ohms depending on the source material. ```
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the AD8148 and AD8147?
    • ⤷ How do I calculate the peaking value for a 50-meter Cat-5 cable?
    • ⤷ What are the power dissipation considerations for the LFCSP package?