전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • AD8188ARUZ-R7

  • AI
    The **AD8188ARUZ-R7** is a high-speed, 2-to-1 multiplexer designed primarily for high-resolution video applications. Manufactured by Analog Devices, it is engineered to handle signals with very high bandwidth while maintaining low distortion. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the AD8188ARUZ-R7: | Parameter | Specification | | :--- | :--- | | **Type** | 2:1 High-Speed Multiplexer | | **Bandwidth (-3 dB)** | 350 MHz | | **Slew Rate** | 1200 V/µs | | **Differential Gain** | 0.02% | | **Differential Phase** | 0.02° | | **Supply Voltage Range** | ±4.5V to ±5.5V (or Single +5V) | | **Package Type** | 24-Lead TSSOP | | **Mounting Type** | Surface Mount (SMT) | --- ### 2. Core Functional Blocks The internal architecture of the AD8188 is optimized for signal integrity. Key components include: * **Input Stage:** Features high input impedance to minimize loading on the signal source. * **Switching Logic:** Digital control pins allow for rapid switching between input channels with minimal "switching transients" (glitches). * **Output Driver:** Designed to drive back-terminated coaxial cables (typically 150 $\Omega$ loads) without significant signal degradation. * **Enable/Disable Feature:** Includes a high-speed "Enable" pin that puts the output into a high-impedance state, allowing multiple chips to be bussed together. --- ### 3. Applications Due to its high bandwidth and low distortion, this part is commonly used in: 1. **Video Routing:** Switching between high-definition RGB or component video sources. 2. **LCD Projectors:** Managing signal paths for high-resolution displays. 3. **Medical Imaging:** Handling high-speed data from ultrasound or MRI sensors. 4. **Test Equipment:** Oscilloscopes and signal generators requiring fast path selection. --- ### 4. Implementation Example To use the AD8188 in a basic circuit, you would typically follow this logic structure: ```c // Pseudocode for Hardware Control Logic IF (Select_Pin == HIGH) { Route Input_Channel_2 TO Output; } ELSE { Route Input_Channel_1 TO Output; } IF (Enable_Pin == LOW) { Output = High_Impedance; // Chip is disabled } ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the power consumption characteristics of the AD8188 during high-speed switching?
    • ⤷ How does the AD8188 compare to the AD8189 in terms of gain?
    • ⤷ What are the PCB layout recommendations to minimize crosstalk for this TSSOP package?