전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • AD8196ACPZ-R7

  • AI
    ## AD8196ACPZ-R7: Technical Overview The **AD8196ACPZ-R7** is a high-performance HDMI/DVI switch produced by Analog Devices. It is specifically designed to manage high-speed digital signals in multimedia applications. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Function** | 5:1 HDMI/DVI Switch | | **Max Data Rate** | 2.25 Gbps per channel (Supports 1080p/Deep Color) | | **Package** | 56-lead LFCSP (Lead Frame Chip Scale Package) | | **Supply Voltage** | 3.3V (Typical) | | **Interface** | I2C or Parallel Control | | **ESD Protection** | Up to 8kV (HBM) on HDMI input pins | --- ### 2. Core Functional Blocks The internal architecture of the AD8196 is comprised of several critical electronic stages: 1. **TMDS Receivers:** These receive the Differential Signals from five different HDMI sources. They include **Equalization** to compensate for signal loss across long input cables. 2. **Programmable Equalizer:** This part of the circuit boosts high-frequency components of the input signal to counteract "Inter-Symbol Interference" (ISI). 3. **Core Switch Matrix:** A 5-to-1 high-speed multiplexer that routes one of the five input sets to the output. 4. **DDC/HPD Switches:** In addition to the high-speed video lines, it switches the **Display Data Channel (DDC)** (I2C) and **Hot Plug Detect (HPD)** lines for all 5 ports. 5. **Output Driver:** Features programmable **Pre-emphasis** to ensure signal integrity as the data leaves the chip toward the display or receiver. --- ### 3. Pinout and Physical Configuration The device uses a **LFCSP_VQ** package, which is essential for thermal management and high-frequency performance. * **TMDS Inputs:** High-speed differential pairs (CLK+/-, D0+/-, D1+/-, D2+/-). * **Termination:** Internal 50-ohm pull-up resistors are integrated to reduce the need for external surface-mount components. * **Control Pins:** Used to select the active port via hardware pins or software commands. --- ### 4. Applications * **HDTVs:** Acting as the main input selector for multiple HDMI ports. * **AV Receivers:** Routing video signals from consoles, Blu-ray players, and set-top boxes. * **Projectors:** Providing multiple high-definition inputs. * **HDMI Switchers/Splitters:** Dedicated hardware for video signal management. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between HDMI equalization and pre-emphasis in this chip?
    • ⤷ How is the I2C interface used to configure the AD8196?
    • ⤷ Can the AD8196 handle 4K resolution or is it limited to 1080p?