전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • AD8203YRMZ-R7

  • AI
    ## Technical Overview of the AD8203YRMZ-R7 The **AD8203YRMZ-R7** is a high-precision, single-supply difference amplifier designed by Analog Devices. It is specifically engineered to amplify small differential voltages in the presence of high common-mode voltages. This makes it ideal for current sensing applications in harsh environments, such as automotive and industrial systems. --- ### Key Specifications | Feature | Specification | | :--- | :--- | | **Manufacturer** | Analog Devices Inc. | | **Gain** | Fixed at 20 V/V | | **Common-Mode Voltage Range** | -2 V to +45 V | | **Supply Voltage** | 3.5 V to 12 V | | **Operating Temperature** | -40°C to +125°C | | **Package / Case** | 8-MSOP (Mini Small Outline Package) | | **Bandwidth** | 60 kHz | --- ### Core Electronic Components & Architecture The AD8203 consists of two main stages that allow it to handle voltages outside its supply rails: 1. **Input Attenuator Stage:** A precision resistor network at the input pins reduces the high common-mode voltage. These resistors are laser-trimmed to ensure a high **Common-Mode Rejection Ratio (CMRR)**, typically around 80 dB. This ensures that the chip only amplifies the difference between inputs, ignoring the absolute voltage. 2. **Amplifier Stage:** A high-gain operational amplifier follows the attenuator. It provides the fixed gain of 20 and includes an internal reference for level shifting, allowing the output to be biased to a specific voltage (useful for bidirectional current sensing). --- ### Pin Configuration | Pin Number | Name | Description | | :--- | :--- | :--- | | 1 | **-IN** | Inverting Input | | 2 | **GND** | Ground | | 3 | **REF** | Reference Input (sets the output offset) | | 4 | **NC** | No Connection | | 5 | **OUT** | Output Voltage | | 6 | **V+** | Positive Supply Voltage | | 7 | **A1** | Internal connection for filtering/adjustment | | 8 | **+IN** | Non-Inverting Input | --- ### Common Applications * **High-Side Current Sensing:** Measuring current across a shunt resistor placed between the battery and the load. * **Motor Control:** Monitoring phase currents in H-bridge configurations. * **Battery Management Systems (BMS):** Tracking charge and discharge cycles. * **Solenoid Control:** Monitoring current in automotive transmission or fuel injection systems. --- ### Implementation Example (Basic Current Sensing) ```python # Theoretical Output Calculation (Python Logic) def calculate_v_out(v_shunt, gain=20, v_ref=2.5): """ Calculates the output voltage of the AD8203. v_shunt: Voltage across the sense resistor (V) v_ref: Voltage applied to the REF pin (V) """ v_out = (v_shunt * gain) + v_ref return v_out # Example: 50mV shunt voltage with a 2.5V reference print(f"Output: {calculate_v_out(0.050)}V") # Result: 3.5V ```
    ✨ Follow-up Questions
    • ⤷ What is the significance of the -2V to +45V common-mode range for automotive use?
    • ⤷ How does the 'R7' suffix in the part number affect the packaging?
    • ⤷ Can the AD8203 be used for bidirectional current sensing?