전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • AD8203YRZ-R7

  • AI
    ## Overview of the AD8203YRZ-R7 The **AD8203YRZ-R7** is a high-voltage, high-side current sense amplifier manufactured by Analog Devices. It is designed to amplify small differential voltages in the presence of high common-mode voltages. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Type** | Difference Amplifier / Current Shunt Monitor | | **Supply Voltage Range** | 3.5 V to 12 V | | **Common-Mode Input Range** | -2 V to +45 V | | **Gain** | Fixed at 20 V/V | | **Bandwidth** | 60 kHz | | **Package / Case** | 8-SOIC (0.154", 3.90mm Width) | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Core Functional Components The internal architecture of the AD8203 is optimized for precision and ruggedness: 1. **Input Resistor Network:** High-precision attenuation resistors that allow the device to handle input voltages (up to 45V) far exceeding its own supply voltage. 2. **Operational Amplifier:** A high-performance internal op-amp that provides the fixed gain of 20. 3. **Reference Input (REF):** This pin allows the user to offset the output voltage. This is critical for measuring bidirectional currents (current flowing in both directions through the shunt). 4. **EMI Filters:** Built-in protection to suppress high-frequency noise often found in automotive and industrial power systems. --- ### 3. Application Use Cases The AD8203 is commonly used in environments where "high-side" current sensing is required: * **Motor Control:** Monitoring phase currents in H-bridge configurations. * **Solenoid Control:** Precise measurement of current in inductive loads for automotive transmissions or industrial valves. * **Battery Management:** Tracking charge and discharge cycles in 12V or 24V battery systems. * **Power Supply Monitoring:** Over-current protection in DC-DC converters. --- ### 4. Part Number Breakdown (AD8203YRZ-R7) * **AD8203:** Base model number. * **Y:** Grade (Automotive grade, qualified for high temperature). * **R:** Package type (R denotes SOIC). * **Z:** RoHS compliant (Lead-free). * **R7:** Packaging format (7-inch Reel, usually containing 1,000 units). ---
    ✨ Follow-up Questions
    • ⤷ How does the REF pin work to measure bidirectional current?
    • ⤷ What is the difference between the AD8203 and the AD8210?
    • ⤷ Can the AD8203 handle negative common-mode voltages?