전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • AD8214WYRMZ-R7

  • AI
    The **AD8214WYRMZ-R7** is a high-speed, high-side current shunt comparator developed by Analog Devices. It is specifically designed to provide a fast response for overcurrent protection in demanding environments, such as automotive and industrial power systems. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Function** | High-speed Current Shunt Comparator | | **Supply Voltage Range** | 4.5 V to 5.5 V | | **Common-Mode Input Range** | 5 V to 65 V | | **Response Time** | 100 ns (Propagation Delay) | | **Operating Temperature** | -40°C to +125°C | | **Package** | 8-Lead MSOP (Micro Small Outline Package) | | **Qualification** | AEC-Q100 (Automotive Grade) | --- ### 2. Functional Components The internal architecture of the AD8214 is optimized for speed and accuracy: * **Differential Amplifier:** Monitors the voltage drop across an external shunt resistor. It can handle high common-mode voltages (up to 65V) while the device itself runs on a 5V supply. * **Internal Band Gap Reference:** Provides a stable threshold voltage of **100 mV**. When the voltage across the shunt resistor exceeds 100 mV, the device triggers. * **Open-Drain Output:** The output is active-low. This allows for easy interfacing with microcontrollers or "Wired-OR" logic configurations where multiple comparators share one interrupt line. * **Latch Reset Pin:** Includes a dedicated pin to reset the comparator after a fault condition has been cleared. --- ### 3. Application Use Cases Due to its fast response time (100 ns), it is primarily used to prevent hardware damage from short circuits or massive current spikes. 1. **Motor Control:** Protecting H-bridge circuits from shoot-through or stalled motor conditions. 2. **Battery Management Systems (BMS):** Rapidly disconnecting a battery pack if a short circuit is detected. 3. **DC-DC Converters:** Monitoring output rails for fault conditions. 4. **Solenoid/Valve Control:** Ensuring inductive loads do not exceed safe operating current limits. --- ### 4. Part Number Breakdown: AD8214WYRMZ-R7 * **AD8214:** Base model number. * **W:** Automotive qualified (AEC-Q100). * **Y:** Temperature range grade (-40°C to +125°C). * **RM:** Package type (MSOP-8). * **Z:** RoHS compliant (Lead-free). * **R7:** 7-inch reel packaging (standard for automated SMT assembly). --- ### 5. Implementation Example To implement this part, you calculate the required shunt resistor ($R_{shunt}$) based on your desired trip current ($I_{trip}$): ```python # Python logic to calculate Shunt Resistor V_threshold = 0.100 # 100mV internal threshold I_trip = 20.0 # Target trip current in Amps R_shunt = V_threshold / I_trip print(f"Required Shunt Resistor: {R_shunt * 1000} mOhms") # Output: Required Shunt Resistor: 5.0 mOhms ```
    ✨ Follow-up Questions
    • ⤷What is the significance of the 100ns response time in power electronics?
    • ⤷ Can the AD8214 be used for continuous current measurement instead of just a comparator?
    • ⤷ How do you interface the open-drain output with a 3.3V microcontroller?