전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • AD8221ARZ-R7

  • AI
    ## Overview of the AD8221ARZ-R7 The **AD8221ARZ-R7** is a high-performance, precision instrumentation amplifier manufactured by **Analog Devices**. It is widely recognized in the electronics industry for its industry-leading Common-Mode Rejection Ratio (CMRR) over a wide frequency range. --- ### 1. Key Technical Specifications The AD8221 is designed for high accuracy in noisy environments. Below are the primary electrical characteristics: | Parameter | Specification | | :--- | :--- | | **Type** | Instrumentation Amplifier | | **Gain Range** | 1 to 1000 (Set by a single resistor $R_G$) | | **CMRR (Minimum)** | 80 dB to 90 dB (up to 10 kHz) | | **Input Offset Voltage** | 60 μV (Maximum) | | **Gain Drift** | 10 ppm/°C | | **Bandwidth** | 825 kHz (G=1) | | **Supply Voltage** | ±2.25 V to ±18 V | | **Package** | SOIC-8 (R7 indicates Tape & Reel) | --- ### 2. Functional Pinout Description The AD8221 follows the standard instrumentation amplifier pinout, making it a drop-in upgrade for many older designs. | Pin Number | Name | Function | | :--- | :--- | :--- | | 1 | -IN | Inverting Input | | 2 | RG | Gain Resistor Pin 1 | | 3 | RG | Gain Resistor Pin 2 | | 4 | +IN | Non-inverting Input | | 5 | -Vs | Negative Supply Voltage | | 6 | REF | Reference Pin (Sets output zero level) | | 7 | Vout | Output Signal | | 8 | +Vs | Positive Supply Voltage | --- ### 3. Core Features & Advantages * **Exceptional CMRR:** Unlike standard amplifiers, the AD8221 maintains a high CMRR even at high frequencies (up to 10 kHz), which is critical for rejecting line noise and harmonics. * **Gain Programming:** The gain ($G$) is set using a single external resistor ($R_G$) using the formula: `G = 1 + (49.4 kΩ / RG)` * **High Input Impedance:** It features very low input bias current, making it ideal for interfacing with high-impedance sensors. * **AC/DC Precision:** It balances low DC offset with enough bandwidth for high-speed data acquisition. --- ### 4. Typical Applications The AD8221ARZ-R7 is commonly found in precision systems where signal integrity is paramount: 1. **Medical Instrumentation:** ECG and EEG monitoring where small signals must be extracted from large common-mode noise. 2. **Industrial Process Control:** Weight scales, strain gauges, and pressure sensor interfaces. 3. **Data Acquisition:** Front-end amplification for high-resolution Analog-to-Digital Converters (ADCs). 4. **Precision Current Monitoring:** Shunt resistor sensing in power supplies. --- ### 5. Part Number Breakdown * **AD8221:** The base model number. * **A:** Performance grade (Standard Grade). * **R:** Package type (SOIC - Small Outline Integrated Circuit). * **Z:** RoHS compliant (Lead-free). * **R7:** Packaging format (7-inch Tape and Reel, typically 1,000 units).
    ✨ Follow-up Questions
    • ⤷ How do you calculate the exact value of the gain resistor (RG) for a gain of 100?
    • ⤷ What are the power consumption characteristics of the AD8221 in battery-powered applications?
    • ⤷ How does the AD8221 compare to the AD620 in terms of performance?