전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • AD8224HACPZ-R7

  • AI
    ## Overview of AD8224HACPZ-R7 The **AD8224HACPZ-R7** is a high-performance, dual-channel, rail-to-rail output instrumentation amplifier manufactured by Analog Devices. It is designed to extract small differential signals in the presence of large common-mode voltages. --- ### Key Technical Specifications | Parameter | Value / Description | | :--- | :--- | | **Number of Channels** | 2 (Dual) | | **Input Type** | Differential | | **Output Type** | Rail-to-Rail | | **Gain Range** | 1 to 1000 (Set by a single resistor) | | **Supply Voltage (Single)** | 4.5 V to 36 V | | **Supply Voltage (Dual)** | ±2.25 V to ±18 V | | **CMRR (Common Mode Rejection Ratio)** | 86 dB (Minimum, G=1) | | **Bandwidth (-3dB)** | 1.5 MHz (at G=1) | | **Package Type** | LFCSP-16 (3x3 mm) | --- ### Internal Architecture and Components The AD8224 utilizes a **three-op-amp architecture** modified for high precision. Below are the primary electronic components integrated into the silicon: 1. **Input Stage (Pre-Amps):** Two high-impedance FET-input operational amplifiers. These provide extremely low input bias current, making the part ideal for high-impedance sensors. 2. **Gain Resistor (External):** Users connect an external resistor ($R_G$) across the gain pins to set the amplification. The gain formula is: `Gain = 1 + (49.4 kΩ / Rg)` 3. **Difference Amplifier:** A precision-matched resistor network and a third op-amp that reject the common-mode signal and provide the single-ended output. 4. **Reference Pin (REF):** An internal node that allows the user to shift the output voltage level, which is useful for interfacing with single-supply ADCs. --- ### Distinctive Features * **Space Efficiency:** By integrating two amplifiers into a tiny 3x3 mm LFCSP package, it saves significant PCB real estate compared to using two single-channel amplifiers. * **High Precision:** Features low offset voltage and low drift over temperature, ensuring accuracy in harsh industrial environments. * **Low Noise:** Optimized for low-frequency applications where signal integrity is critical. --- ### Common Applications * **Medical Instrumentation:** ECG and EEG monitoring where small bio-signals must be amplified. * **Industrial Process Control:** Bridge amplifiers for pressure and temperature sensors. * **Precision Data Acquisition:** Interfacing sensors with high-resolution Analog-to-Digital Converters (ADCs). * **Multichannel Systems:** Portable or density-sensitive equipment requiring multiple gain stages.
    ✨ Follow-up Questions
    • ⤷How do I calculate the exact resistor value for a gain of 100?
    • ⤷ What are the advantages of the LFCSP package for this specific IC?
    • ⤷ How does the Rail-to-Rail output feature benefit low-voltage designs?