전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • AD8228ARZ-R7

  • AI
    ## Technical Overview of the AD8228ARZ-R7 The **AD8228ARZ-R7** is a high-performance, gain-programmable instrumentation amplifier manufactured by Analog Devices. It is designed for precision signal conditioning where high accuracy and low noise are critical. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Gain Settings** | Pin-selectable (Gain = 10 or 100) | | **Input Offset Voltage** | 100 µV (max) | | **Gain Drift** | 5 ppm/°C (max) | | **Bandwidth** | 650 kHz (G=100) | | **CMRR** | 100 dB min (G=10) | | **Package Type** | 8-lead SOIC_N | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Core Functional Components The AD8228 is built using a classic **three-op-amp architecture**, which provides high input impedance and excellent Common-Mode Rejection Ratio (CMRR). #### A. Internal Resistor Matching Unlike standard instrumentation amplifiers that require an external resistor ($R_G$) to set the gain, the AD8228 features **laser-trimmed internal resistors**. This minimizes gain error and ensures thermal stability, as the internal resistors are matched to the same substrate. #### B. Gain Selection Pins The gain is determined by the state of specific pins: * **Gain = 10:** Leave the gain pins disconnected. * **Gain = 100:** Connect the gain pins together. #### C. Input Protection The device includes robust input protection, allowing it to handle signals slightly beyond the supply rails without damaging the internal circuitry. --- ### 3. Pin Configuration | Pin Number | Name | Description | | :--- | :--- | :--- | | 1 | -IN | Inverting Input | | 2, 3 | GAIN | Pins used to set G=10 or G=100 | | 4 | +IN | Non-Inverting Input | | 5 | -V_S | Negative Supply | | 6 | REF | Reference Pin (sets output zero level) | | 7 | V_OUT | Output Signal | | 8 | +V_S | Positive Supply | --- ### 4. Typical Applications * **Industrial Process Control:** Bridge amplifiers for pressure and temperature sensors. * **Medical Instrumentation:** ECG and patient monitoring where low noise is essential. * **Precision Data Acquisition:** Interfacing sensors with high-resolution ADCs. * **Weight Scales:** Measuring minute voltage changes from load cells. --- ### 5. Implementation Example (Basic Setup) To use the AD8228 at a gain of 100, you would wire the circuit as follows: ```c // Circuit Logic Summary 1. Connect +Vs to +15V and -Vs to -15V (Dual Supply). 2. Short Pin 2 and Pin 3 together (Sets Gain = 100). 3. Connect REF (Pin 6) to Ground. 4. Apply differential signal to +IN and -IN. 5. V_OUT = 100 * (+IN - -IN). ```
    ✨ Follow-up Questions
    • ⤷ What are the advantages of using internal resistors over an external gain resistor?
    • ⤷ Can the AD8228 operate on a single power supply?
    • ⤷ How does the 'R7' suffix affect the ordering or packaging of this part?