AD8236ARMZ-R7
AI

The **AD8236ARMZ-R7** is a high-performance, low-power instrumentation amplifier manufactured by Analog Devices. It is specifically designed for battery-powered medical and portable industrial applications where power consumption and precision are critical.
---
### 1. Key Technical Specifications
Below are the primary electrical characteristics of the AD8236:
| Parameter | Specification |
| :--- | :--- |
| **Architecture** | 3-Op Amp Instrumentation Amplifier |
| **Supply Voltage** | 1.8 V to 5.5 V |
| **Supply Current** | 40 μA (Maximum) |
| **Gain Range** | 1 to 1000 (Set by one external resistor) |
| **CMRR** | 110 dB (at G = 100) |
| **Input Offset Voltage** | 100 μV (Maximum) |
| **Package Type** | 8-lead MSOP (ARMZ prefix) |
| **Operating Temp** | -40°C to +125°C |
---
### 2. Core Features
* **Rail-to-Rail Output:** The output can swing very close to the supply rails, maximizing the dynamic range even at low 1.8V operations.
* **Micropower Consumption:** Consuming only 40 μA, it is ideal for wearable devices and long-term battery monitoring.
* **High CMRR:** The Common-Mode Rejection Ratio (CMRR) ensures that noise common to both input lines (like 50/60 Hz interference) is effectively cancelled out.
* **Simplified Gain Setting:** Users can define the gain ($G$) using a single external resistor ($R_G$) according to the formula:
`G = 1 + (420 kΩ / Rg)`
---
### 3. Pin Configuration
The AD8236ARMZ-R7 typically uses an 8-lead MSOP package.
| Pin Number | Name | Description |
| :--- | :--- | :--- |
| 1 | -IN | Inverting Input |
| 2 | RG | Gain Resistor Pin |
| 3 | RG | Gain Resistor Pin |
| 4 | +IN | Non-inverting Input |
| 5 | -Vs | Negative Supply |
| 6 | REF | Reference Pin (Sets output offset) |
| 7 | Vout | Output |
| 8 | +Vs | Positive Supply |
---
### 4. Typical Applications
The device is widely used in precision environments:
* **Medical Instrumentation:** ECG/EKG monitors, EEG, and blood pressure monitors.
* **Portable Consumer Electronics:** Fitness heart rate trackers.
* **Industrial Sensing:** Pressure sensors and weigh scales.
* **Data Acquisition:** High-impedance sensor interfacing for microcontrollers.
---
### 5. Ordering Information Decoded
The suffix **ARMZ-R7** provides specific details about the physical delivery:
* **A:** Performance grade.
* **RM:** MSOP (Mini Small Outline Package).
* **Z:** RoHS compliant (Lead-free).
* **R7:** 7-inch reel (Tape and Reel packaging for automated assembly).
- ⤷
How do I calculate the exact resistor value for a gain of 100?
- ⤷ What is the difference between the AD8236 and the AD8237?
- ⤷ Does the REF pin require a low-impedance source?