전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • AD823AARMZ-R7

  • AI
    The **AD823AARMZ-R7** is a high-performance electronic component manufactured by **Analog Devices**. It belongs to the family of precision operational amplifiers (Op-Amps) and is specifically designed for high-speed, low-power applications. ### 1. General Specifications The AD823A is a dual-channel, precision JFET-input op-amp. It is known for its wide bandwidth and ability to operate on a single supply. | Parameter | Specification | | :--- | :--- | | **Type** | JFET Input Operational Amplifier | | **Number of Channels** | 2 (Dual) | | **Bandwidth (-3 dB)** | 19 MHz | | **Slew Rate** | 35 V/µs | | **Supply Voltage Range** | 3V to 36V (Single) / ±1.5V to ±18V (Dual) | | **Rail-to-Rail** | Output Only | | **Input Bias Current** | 0.3 pA (Typical) | | **Package Type** | MSOP-8 (AARMZ) | --- ### 2. Key Features * **JFET Input:** Provides extremely low input bias current, making it ideal for photodiode preamps or high-impedance sensor interfaces. * **High Speed:** With a 19 MHz bandwidth and 35 V/µs slew rate, it can handle fast-moving signals with minimal distortion. * **Low Noise:** It features low voltage noise (14 nV/√Hz), which is critical for precision instrumentation. * **Capacitive Load Drive:** It is stable when driving heavy capacitive loads up to 500 pF. --- ### 3. Part Number Breakdown: AD823AARMZ-R7 The suffix and prefix provide specific details about the physical packaging and shipping: 1. **AD823A:** The core model number (the "A" often denotes a specific revision or grade). 2. **ARMZ:** * **ARM:** Refers to the **MSOP** (Mini Small Outline Package). * **Z:** Indicates it is a **RoHS compliant** (lead-free) part. 3. **R7:** Indicates the packaging format, specifically a **7-inch Tape and Reel** (usually containing 1,000 units). --- ### 4. Typical Applications Due to its combination of speed and high input impedance, it is commonly found in: * **Photodiode Preamplifiers:** Converting light-driven current into voltage. * **Active Filters:** High-speed signal processing. * **Data Acquisition:** Buffering signals before an Analog-to-Digital Converter (ADC). * **Professional Audio:** High-fidelity audio pre-amplification.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the AD823 and the AD823A version?
    • ⤷ Can this op-amp be used in battery-powered portable devices?
    • ⤷ What are the pinout configurations for the MSOP-8 package of this chip?