전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • AD8253ARMZ-R7

  • AI
    ### Overview of AD8253ARMZ-R7 The **AD8253ARMZ-R7** is a high-speed, instrumentation amplifier with digitally programmable gains. It is manufactured by **Analog Devices** and is designed for applications requiring high precision, rapid settling times, and flexible gain control. --- ### 1. Key Technical Specifications | Parameter | Value / Description | | :--- | :--- | | **Gain Settings** | 1, 10, 100, 1000 (Gains of 10) | | **Gain Selection** | Digital (2-bit parallel interface) | | **Bandwidth (-3dB)** | 10 MHz (at G=1) | | **Slew Rate** | 20 V/µs | | **Common-Mode Rejection (CMRR)** | 120 dB (min at G=1000) | | **Settling Time** | 0.5 µs to 0.001% | | **Operating Voltage** | ±5 V to ±15 V | | **Package Type** | MSOP-10 (Micro Small Outline Package) | --- ### 2. Core Functional Parts The internal architecture of the AD8253 consists of several critical stages: #### A. Input Stage * **High Impedance:** Features high-input impedance (Gigaohms range) to minimize loading on sensors. * **Differential Input:** Designed to amplify the difference between two signals while rejecting noise common to both. #### B. Programmable Gain Network * **Precision Resistors:** Uses thin-film laser-trimmed resistors to ensure high gain accuracy and low thermal drift. * **Multiplexer (MUX):** An internal 2-bit digital MUX selects the feedback path to set the gain to 1, 10, 100, or 1000. #### C. Output Stage * **Rail-to-Rail Capability:** While not full rail-to-rail on the input, the output is designed to drive loads with high linearity. * **Ref Pin:** Includes a Reference pin to offset the output voltage, useful for interfacing with single-supply ADCs. --- ### 3. Pinout Description (MSOP-10) | Pin No. | Name | Function | | :--- | :--- | :--- | | 1 | -IN | Inverting Input | | 2 | +IN | Non-Inverting Input | | 3 | V- | Negative Supply | | 4 | REF | Reference Voltage Input | | 5 | OUT | Output | | 6 | V+ | Positive Supply | | 7 | A0 | Gain Selection Bit 0 (LSB) | | 8 | A1 | Gain Selection Bit 1 (MSB) | | 9 | WR | Write Enable (Transparent/Latched mode) | | 10 | DGND | Digital Ground | --- ### 4. Typical Applications * **Data Acquisition (DAQ):** Quickly switching between different sensor signal levels. * **Biomedical Instrumentation:** ECG/EKG signal conditioning where high CMRR is vital. * **Test and Measurement:** Automatic Test Equipment (ATE) requiring high-speed gain adjustments. * **Industrial Process Control:** Interfacing various transducers with a single ADC. --- ### 5. Part Number Breakdown * **AD8253:** The base model number. * **ARMZ:** Indicates the package type (MSOP) and RoHS compliance. * **R7:** Indicates the packaging format (7-inch Tape and Reel, typically 1,000 pieces). ---
    ✨ Follow-up Questions
    • ⤷How do you interface the A0 and A1 pins with a microcontroller?
    • ⤷ What are the advantages of a digitally programmable gain amplifier over a manual one?
    • ⤷ Can the AD8253 operate on a single power supply?