전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • AD8264ACPZ-R7

  • AI
    ## AD8264ACPZ-R7: Technical Overview The **AD8264ACPZ-R7** is a high-performance, quad-channel, linear-in-dB **Variable Gain Amplifier (VGA)** integrated with a differential output driver. It is designed by Analog Devices for high-speed signal processing applications that require precise gain control across multiple channels. --- ### Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Channels** | Quad (4 independent channels) | | **Bandwidth (-3 dB)** | 235 MHz | | **Gain Range** | -14.5 dB to +18.5 dB (33 dB range) | | **Gain Scaling** | 20 mV/dB (Linear-in-dB) | | **Slew Rate** | 550 V/µs | | **Supply Voltage** | 3.3 V to 5 V | | **Package** | 40-Lead LFCSP (6mm x 6mm) | --- ### Core Functional Blocks 1. **Pre-Amplifier:** Each channel features a low-noise pre-amplifier that sets the input impedance and initial signal buffering. 2. **Variable Gain Section:** Uses a proprietary interpolation technique to provide continuous gain control. The gain is adjusted via an analog control voltage ($V_{GAIN}$), making it "Linear-in-dB." 3. **Differential Output Driver:** Converts the internal signals into differential outputs, which are ideal for driving high-speed Analog-to-Digital Converters (ADCs). 4. **Bias and Reference:** Internal circuitry ensures stable operation across temperature and supply variations. --- ### Common Applications * **Medical Imaging:** Used in Ultrasound beamforming to normalize signal strength from different depths (Time Gain Control). * **Radar Systems:** Signal conditioning for phased array receivers. * **Communication Systems:** Automatic Gain Control (AGC) loops in high-frequency receivers. * **Instrumentation:** High-speed data acquisition systems requiring wide dynamic range. --- ### Pin Configuration Examples (Simplified) ```c // Key Pin Categories for AD8264 1. VINP/VINN: Differential or single-ended signal inputs. 2. VGAIN: Analog voltage input (0V to 1.6V) to control gain. 3. VOUTP/VOUTN: Differential outputs for the ADC. 4. VOCM: Output Common-Mode voltage pin (sets the DC level of outputs). ``` --- ### Advantages of the AD8264 * **Channel Density:** Four channels in a small 6x6mm footprint save significant PCB space. * **Precision:** Excellent gain matching between channels (typically within 0.1 dB). * **ADC Compatibility:** The differential outputs are specifically designed to interface directly with modern 12-bit to 16-bit ADCs.
    ✨ Follow-up Questions
    • ⤷ How does the 'Linear-in-dB' gain control simplify circuit design?
    • ⤷ What are the power consumption considerations for this chip in a 5V system?
    • ⤷ Can this part be used for single-ended output configurations?