전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • AD8276ARZ-R7

  • AI
    ## Technical Overview of the AD8276ARZ-R7 The **AD8276ARZ-R7** is a high-performance, low-power, unity-gain difference amplifier manufactured by Analog Devices. It is designed for precision signal conditioning where high common-mode rejection and low power consumption are required. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Function** | Unity-Gain Difference Amplifier ($G=1$) | | **Supply Voltage** | 2.0 V to 36 V (Single) / ±2 V to ±18 V (Dual) | | **Quiescent Current** | 200 µA (Maximum) | | **CMRR (Common-Mode Rejection Ratio)** | 86 dB (Minimum) | | **Gain Drift** | 1 ppm/°C (Maximum) | | **Bandwidth (-3 dB)** | 550 kHz | | **Package / Case** | 8-SOIC (Small Outline Integrated Circuit) | | **Packaging** | Tape & Reel (R7 suffix) | --- ### 2. Internal Architecture The AD8276 contains an internal operational amplifier and four laser-trimmed resistors. * **Integrated Resistors:** The resistors are matched to a very high degree of precision. Because they are on the same silicon die, they track temperature changes almost identically, resulting in excellent gain stability over a wide temperature range. * **Precision Performance:** Unlike discrete solutions (using a standard Op-Amp and external resistors), the AD8276 eliminates the need for manual trimming to achieve high Common-Mode Rejection (CMRR). --- ### 3. Pin Configuration | Pin Number | Name | Description | | :--- | :--- | :--- | | 1 | -IN | Inverting Input | | 2 | REF | Reference Voltage Input (sets the output offset) | | 3 | -V_S | Negative Supply Voltage | | 4 | OUT | Output Signal | | 5 | NC | No Connection | | 6 | +V_S | Positive Supply Voltage | | 7 | SENSE | Feedback Connection (usually tied to OUT) | | 8 | +IN | Non-Inverting Input | --- ### 4. Primary Applications 1. **Voltage Measurement:** Ideal for measuring voltages across a shunt resistor in high-side or low-side current sensing. 2. **ADC Driver:** Used to condition signals before they enter an Analog-to-Digital Converter, ensuring the signal is referenced to the correct ground or bias level. 3. **Instrumentation Amplifier:** Can be used as a building block for more complex instrumentation circuits. 4. **Battery Monitoring:** The low power consumption (200 µA) makes it suitable for portable, battery-operated devices. --- ### 5. Part Number Breakdown (AD8276ARZ-R7) * **AD8276:** The base model number. * **A:** Performance grade (Standard Grade). * **R:** Package type (SOIC). * **Z:** RoHS compliant (Lead-free). * **R7:** Packaging format (7-inch Reel, typically containing 1,000 pieces). ---
    ✨ Follow-up Questions
    • ⤷ What is the advantage of using the AD8276 over a standard Op-Amp with external resistors?
    • ⤷ How does the REF pin influence the output voltage in a single-supply system?
    • ⤷ Can the AD8276 be used for high-side current sensing in automotive applications?