전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • AD8290ACPZ-R2

  • AI
    ## AD8290ACPZ-R2: Overview and Technical Specifications The **AD8290ACPZ-R2** is a high-precision, low-power, zero-drift amplifier system designed primarily for sensor interface applications, such as electrochemical sensors. It integrates a transimpedance amplifier (TIA), a gain stage, and a voltage reference into a single package. --- ### Core Functional Blocks | Component | Description | | :--- | :--- | | **Transimpedance Amplifier** | Converts low-level currents (from sensors) into a measurable voltage. | | **Gain Stage** | Provides additional amplification to ensure the signal is suitable for an ADC. | | **Zero-Drift Architecture** | Uses "chopping" technology to minimize DC offset and low-frequency noise. | | **Internal Reference** | Includes a stable 1.2V reference for biasing sensors. | --- ### Key Technical Specifications The following table outlines the electrical characteristics of the AD8290 series: | Parameter | Specification | | :--- | :--- | | **Supply Voltage Range** | 2.6 V to 5.5 V | | **Supply Current** | ~750 µA (Typical) | | **Input Offset Voltage** | 5 µV (Maximum) | | **Offset Drift** | 0.05 µV/°C | | **Gain Bandwidth** | ~500 kHz | | **Package Type** | 16-Lead LFCSP (3mm x 3mm) | --- ### Key Features and Benefits * **Ultra-Low Offset:** The zero-drift technology ensures that the output does not shift significantly with temperature, which is critical for long-term monitoring. * **Low Input Bias Current:** Essential for maintaining accuracy when interfacing with high-impedance sensors. * **Integrated Solution:** By combining the TIA and gain stages, it reduces the overall PCB footprint and BOM (Bill of Materials) cost compared to discrete designs. * **Low Power:** Optimized for battery-operated portable devices. --- ### Typical Applications 1. **Gas Sensors:** Specifically electrochemical toxic gas sensors (e.g., CO, $H_2S$, $NO_2$). 2. **Blood Glucose Meters:** Precise current-to-voltage conversion for biosensors. 3. **Environmental Monitoring:** Low-power remote sensing stations. 4. **Precision Current Measurement:** Monitoring micro-ampere level currents in industrial loops. --- ### Example Application Circuit (Simplified Concept) ```c // Pseudo-logic for interfacing AD8290 output with an MCU void read_sensor() { float v_out = analogRead(AD8290_PIN); // V_out = I_sensor * Rf (Feedback Resistor) * Internal Gain float current = v_out / (total_gain_factor); process_gas_concentration(current); } ```
    ✨ Follow-up Questions
    • ⤷ How does the zero-drift architecture improve accuracy in gas sensing?
    • ⤷ What are the specific pin configurations for the 16-lead LFCSP package?
    • ⤷ What are the recommended feedback resistor values for the transimpedance stage?