전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • AD8293G80ARJZ-R7

  • AI
    ## Technical Overview of AD8293G80ARJZ-R7 The **AD8293G80ARJZ-R7** is a precision instrumentation amplifier manufactured by Analog Devices. It is specifically designed for high-gain applications where space is limited and power consumption must be kept to a minimum. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Fixed Gain** | 80 V/V | | **Architecture** | Indirect Current Feedback | | **Supply Voltage Range** | 1.8V to 5.5V | | **Supply Current** | 15 µA (Typical) | | **Package Type** | SOT-23 (8-lead) | | **Rail-to-Rail** | Yes (Output) | | **Bandwidth** | ~500 Hz | --- ### 2. Core Functional Components The device operates differently than traditional three-op-amp instrumentation amplifiers. Its "Indirect Current Feedback" architecture provides several advantages: * **Fixed Gain:** The gain is set internally to **80**. This eliminates the need for an external gain-setting resistor, reducing noise pickup and saving board space. * **Zero-Drift Performance:** It utilizes auto-zeroing technology to minimize DC offset and drift over time and temperature. * **High CMRR:** It maintains a high Common-Mode Rejection Ratio (CMRR) even at low frequencies, which is essential for extracting small signals from noisy environments. --- ### 3. Application Use Cases Due to its low power consumption and high gain, this part is commonly found in: 1. **Medical Instrumentation:** ECG/EKG monitoring and portable pulse oximeters. 2. **Sensor Interfaces:** Bridge sensors, pressure sensors, and thermopiles. 3. **Battery Powered Devices:** Wearables and remote IoT sensor nodes. --- ### 4. Pin Configuration (SOT-23-8) ```text 1: VOUT (Output) 2: V- (Negative Supply) 3: +IN (Positive Input) 4: -IN (Negative Input) 5: REF (Reference Voltage) 6: NC (No Connect) 7: NC (No Connect) 8: V+ (Positive Supply) ``` --- ### 5. Why the "R7" Suffix? The suffix **-R7** typically refers to the packaging format. In Analog Devices' nomenclature, "R7" indicates that the part is shipped on a **7-inch Tape and Reel**, containing 3,000 units.
    ✨ Follow-up Questions
    • ⤷ What are the advantages of indirect current feedback over traditional 3-op-amp designs?
    • ⤷ How does the 'Zero-Drift' feature impact precision in medical applications?
    • ⤷ Can the gain of 80 be adjusted using external resistors?