AD8295ACPZ-R7
AI

The **AD8295ACPZ-R7** is a high-precision, multi-functional instrumentation amplifier (In-Amp) manufactured by Analog Devices. It is unique because it integrates a high-performance instrumentation amplifier with two additional uncommitted operational amplifiers and two precision matched resistors in a single compact package.
---
### 1. Key Internal Components
The AD8295 is designed as a "system-on-a-chip" for signal conditioning.
| Component | Quantity | Description |
| :--- | :---: | :--- |
| **Instrumentation Amp** | 1 | High-precision, low-noise core based on the industry-standard AD8221. |
| **Operational Amps** | 2 | Low-noise, rail-to-rail output op-amps for filtering or buffering. |
| **Matched Resistors** | 2 | 10 kΩ precision resistors used for gain setting or level shifting. |
---
### 2. Technical Specifications
Below are the critical electrical characteristics of the AD8295ACPZ-R7:
| Parameter | Value / Range |
| :--- | :--- |
| **Supply Voltage** | ±2.3 V to ±18 V (Dual) or 4.6 V to 36 V (Single) |
| **Gain Range** | 1 to 1000 (Set by one external resistor) |
| **CMRR** | 120 dB (Minimum, G = 100) |
| **Input Offset Voltage** | 60 µV (Maximum) |
| **Bandwidth (-3dB)** | 1 MHz (at G = 1) |
| **Package Type** | 16-lead LFCSP (4mm x 4mm) |
| **Operating Temp** | -40°C to +125°C |
---
### 3. Functional Applications
The inclusion of the extra op-amps and resistors allows for complex signal processing without requiring extra board space. Common use cases include:
* **Active Filtering:** Using the two op-amps to create a 3rd-order low-pass filter after the amplification stage.
* **Differential Output:** Converting the single-ended output of the In-Amp into a differential signal for high-resolution ADCs.
* **Bridge Powering:** One op-amp can be used to provide a stable reference voltage or drive a sensor bridge.
### 4. Part Number Breakdown: `AD8295ACPZ-R7`
* **AD8295**: Base Model Number.
* **A**: Performance Grade (Standard).
* **CP**: Package Indicator (LFCSP - Lead Frame Chip Scale Package).
* **Z**: RoHS Compliant (Pb-free).
* **R7**: Tape and Reel packaging (7-inch reel, typically 1,500 units).
---
### 5. Pinout Overview (Simplified)
The 16-lead LFCSP package is highly dense.
* **Pins 1-4:** Inputs and Gain setting for the main In-Amp.
* **Pins 5-8:** Op-Amp A inputs and output.
* **Pins 9-12:** Op-Amp B inputs and output.
* **Pins 13-16:** Power supply and matched resistor terminals.
- ⤷
How do the integrated matched resistors improve the Common-Mode Rejection Ratio (CMRR) in a circuit?
- ⤷ What are the advantages of using an LFCSP package for high-precision analog components?
- ⤷ Can you provide a wiring diagram for a basic gain-of-10 configuration using this chip?