전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • AD8295BCPZ-R7

  • AI
    ## Overview of the AD8295BCPZ-R7 The **AD8295BCPZ-R7** is a precision instrumentation amplifier system-on-a-chip manufactured by **Analog Devices**. It is designed to provide a highly integrated solution for signal conditioning, combining a high-performance instrumentation amplifier with additional uncommitted operational amplifiers and precision resistors. --- ### 1. Key Internal Components The AD8295 is unique because it is not just a single amplifier; it is a "precision data acquisition subsystem." | Component | Quantity | Description | | :--- | :---: | :--- | | **Instrumentation Amp (In-Amp)** | 1 | High-precision, low-drift core based on the AD8221. | | **Uncommitted Op-Amps** | 2 | Can be used for filtering, buffering, or differential driving. | | **Precision Resistors** | 2 | Matched resistors for gain setting or level shifting. | --- ### 2. Technical Specifications The electrical characteristics make this part ideal for high-accuracy industrial and medical applications. * **Gain Range:** 1 to 1000 (set by a single external resistor). * **Common-Mode Rejection Ratio (CMRR):** >120 dB (G = 100). * **Low Noise:** 8 nV/√Hz at 1 kHz. * **Bandwidth:** 1.2 MHz (G = 1). * **Supply Range:** ±2.3 V to ±18 V (Dual) or 4.6 V to 36 V (Single). * **Package:** 16-lead LFCSP (4mm x 4mm), providing a small footprint. --- ### 3. Pin Configuration and Functions The 16-lead LFCSP package is designed for thermal efficiency and signal integrity. | Pin Category | Description | | :--- | :--- | | **In-Amp Inputs** | +IN and -IN pins for differential signal sensing. | | **Gain Pins** | RG pins used to connect the external gain-setting resistor. | | **Op-Amp I/O** | Dedicated Inverting, Non-inverting, and Output pins for the two extra amps. | | **Reference** | REF pin to offset the output voltage of the In-Amp. | --- ### 4. Application Use Cases Because it contains multiple building blocks, it is commonly used in: 1. **Bridge Amplifiers:** Weigh scales and pressure sensors. 2. **ECG/Medical Instrumentation:** High CMRR is vital for heart rate monitoring. 3. **Industrial Process Control:** Converting sensor signals to 4-20mA or 0-10V loops. 4. **Data Acquisition:** Serving as a front-end buffer and filter for ADCs. --- ### 5. Implementation Example (Gain Calculation) The gain ($G$) of the internal instrumentation amplifier is determined by the external resistor ($R_G$): ```python # Gain Formula for AD8295 # G = 1 + (49.4 kOhm / Rg) def calculate_gain(rg_ohms): gain = 1 + (49400 / rg_ohms) return gain # Example: If Rg is 494 ohms print(f"Gain: {calculate_gain(494)}") # Output: 101 ```
    ✨ Follow-up Questions
    • ⤷ How do the two uncommitted op-amps help in driving a differential ADC?
    • ⤷ What are the thermal considerations for the 16-lead LFCSP package?
    • ⤷ How does the CMRR of the AD8295 compare to standard operational amplifiers?