전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • AD8317ACPZ-R7

  • AI
    ## Technical Overview of the AD8317ACPZ-R7 The **AD8317ACPZ-R7** is a high-performance, demodulating logarithmic amplifier (log amp) manufactured by Analog Devices. It is primarily used for RF power measurement and control over a wide frequency range. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Function** | RF Detector / Logarithmic Amplifier | | **Frequency Range** | 1 MHz to 10 GHz | | **Dynamic Range** | 55 dB (within ±3 dB error) | | **Input Sensitivity** | Down to -55 dBm | | **Response Time** | 6 ns (fall time) / 10 ns (rise time) | | **Supply Voltage** | 3.0 V to 5.5 V | | **Operating Current** | ~22 mA | | **Package Type** | LFCSP-8 (3mm x 3mm) | --- ### 2. Functional Principles The AD8317 converts an RF input signal into a corresponding DC output voltage. This process follows a **logarithmic scale**, meaning that linear changes in the input power (in dBm) result in linear changes in the output voltage. * **Measurement Mode:** The device outputs a voltage proportional to the log of the input signal. This is used for signal strength indicators (RSSI). * **Controller Mode:** The device can adjust its output to regulate a Power Amplifier (PA) via a feedback loop, maintaining a constant output power level. --- ### 3. Pin Configuration and Internal Components The AD8317 is housed in a compact 8-lead LFCSP. Key internal sections include: 1. **Input Stage:** A differential input designed to be AC-coupled. 2. **Gain Stages:** Multiple cascaded amplifiers that provide the logarithmic compression. 3. **Detector Cells:** Rectify the signal to extract the envelope. 4. **Output Buffer:** Drives the `VOUT` pin, providing the measured DC level. --- ### 4. Common Applications * **RF Transmitter Power Monitoring:** Ensuring the signal stays within legal and technical limits. * **Precision Receiver Signal Strength Indication (RSSI):** Used in base stations and wireless infrastructure. * **Radar and Electronic Warfare:** Fast response times (6ns-10ns) allow for pulse detection. * **Adaptive Power Control:** Integrating with a variable gain amplifier (VGA) to stabilize output power. --- ### 5. Part Number Breakdown (AD8317ACPZ-R7) * **AD8317:** The base model number. * **A:** Performance grade. * **CP:** Lead Frame Chip Scale Package (LFCSP). * **Z:** RoHS compliant (Lead-free). * **R7:** 7-inch reel (indicates packaging for automated assembly). ---
    ✨ Follow-up Questions
    • ⤷ How does the temperature stability of the AD8317 compare to other log amps?
    • ⤷ What are the recommended external components for AC coupling the inputs?
    • ⤷ Can the AD8317 be used for pulsed RF signal detection?