전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • AD8319ACPZ-R7

  • AI
    The **AD8319ACPZ-R7** is a high-performance demodulating logarithmic amplifier manufactured by Analog Devices. It is primarily used for RF power measurement and signal detection across a wide frequency range. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Function** | Demodulating Logarithmic Amplifier | | **Frequency Range** | 1 MHz to 10 GHz | | **Dynamic Range** | 40 dB (within ±1 dB error) | | **Input Range** | -45 dBm to 0 dBm (re: 50 $\Omega$) | | **Response Time** | 8 ns / 10 ns (Fall/Rise time) | | **Supply Voltage** | 3.0 V to 5.5 V | | **Package** | 8-Lead LFCSP (3mm x 3mm) | --- ### 2. Functional Description The AD8319 converts an RF input signal into a corresponding DC voltage output. This conversion is **logarithmic**, meaning the output voltage is proportional to the decibel (dB) level of the input power. #### Core Internal Components: * **Progressive Compression Chain:** A series of five 9 dB amplifier/limiter stages that detect the signal envelope. * **Full-Wave Rectifiers:** Used to convert the AC signal from each stage into a DC current. * **Output Buffer:** Converts the summed currents into a voltage. The output slope is typically **-22 mV/dB**. --- ### 3. Pin Configuration & Hardware Integration | Pin Number | Name | Description | | :--- | :--- | :--- | | 1 | **INHI** | RF Input (High side). Requires AC coupling. | | 2 | **INLO** | RF Input (Low side). Typically decoupled to ground. | | 3 | **COMM** | Device Ground. | | 4 | **CLPF** | Low-pass filter capacitor connection to adjust response time. | | 5 | **VOUT** | DC Output voltage proportional to RF input power. | | 6 | **VSET** | Setpoint input (used for Controller mode). | | 7 | **ENBL** | Enable pin (High = Active, Low = Power down). | | 8 | **VPOS** | Positive Supply Voltage (3.0 V to 5.5 V). | --- ### 4. Application Modes #### A. Measurement Mode In this mode, the `VOUT` pin is connected directly to the `VSET` pin. The output voltage decreases linearly as the input power increases (negative slope). It is ideal for **Received Signal Strength Indicators (RSSI)**. #### B. Controller Mode By applying a reference voltage to `VSET`, the AD8319 acts as an error amplifier. It can be used in a feedback loop to control a Power Amplifier (PA) or a Variable Gain Amplifier (VGA) to maintain a constant output power. --- ### 5. Common Use Cases * **RF Transmitter Power Monitoring:** Ensuring the output power of a radio stays within legal and technical limits. * **Antenna VSWR Monitoring:** Detecting reflected power in transmission lines. * **Radar & Electronic Warfare:** Fast pulse detection due to the 8 ns response time. * **Wireless Infrastructure:** Power control in GSM, WCDMA, and LTE base stations.
    ✨ Follow-up Questions
    • ⤷ How does the temperature stability of the AD8319 compare to other log amps?
    • ⤷ What is the recommended circuit for AC coupling the RF input?
    • ⤷ Can the AD8319 be used for pulse detection in high-speed radar applications?