전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • AD8330ACPZ-R2

  • AI
    The **AD8330ACPZ-R2** is a high-performance, wideband variable gain amplifier (VGA) manufactured by Analog Devices. It is designed for applications requiring precise gain control over a large dynamic range, particularly in high-frequency signal chains. --- ### ## Technical Specifications Overview Below are the primary technical characteristics of the AD8330ACPZ-R2: | Parameter | Specification | | :--- | :--- | | **Bandwidth (-3 dB)** | 150 MHz | | **Gain Range** | 50 dB (-4.5 dB to +45.5 dB) | | **Gain Control Voltage** | 0 V to 1.5 V | | **Supply Voltage (Single)** | 2.7 V to 6.0 V | | **Supply Current** | ~20 mA | | **Input Noise (RTI)** | 5 nV/√Hz | | **Package Type** | LFCSP-16 (3x3 mm) | | **Operating Temperature** | -40°C to +85°C | --- ### ## Core Functional Components The internal architecture of the AD8330 is built on the **X-AMP®** architecture, which provides linear-in-dB gain control. 1. **Variable Attenuator:** The input signal first hits a passive attenuator controlled by the gain-control interface. This allows the device to handle large input swings without clipping. 2. **Fixed-Gain Amplifier:** After attenuation, the signal is boosted by a high-speed transconductance amplifier. 3. **Gain Control Interface:** This pin (MODE/GAIN) allows the user to select between positive or negative gain slopes (increasing or decreasing gain relative to the control voltage). 4. **Differential I/O:** The part uses fully differential inputs and outputs to maximize noise immunity and reduce second-order harmonic distortion. --- ### ## Typical Application Circuit When designing with the AD8330, the connections usually follow this logic: ```c // Pseudo-layout for AD8330 pins [INHI / INLO] --> Differential Input Signal [VMAG] --> Sets output centering (usually connected to VREF) [VGN] --> DC Control Voltage (0V - 1.5V) [MODE] --> High for positive slope, Low for negative slope [OPHI / OPLO] --> Differential Output Signal ``` --- ### ## Key Features and Use Cases * **Linear-in-dB Scaling:** The gain is precisely proportional to the control voltage (e.g., 30 mV/dB). This simplifies the software/algorithm used to control the gain. * **Fully Differential Design:** This is critical for driving modern high-speed Analog-to-Digital Converters (ADCs). * **Common Applications:** * **Medical Imaging:** Ultrasound time-gain control (TGC). * **Industrial:** Peak detection and AGC (Automatic Gain Control) loops. * **Communications:** Signal leveling in RF receivers and RSSI measurements.
    ✨ Follow-up Questions
    • ⤷ How does the MODE pin affect the gain slope of the AD8330?
    • ⤷ What is the maximum input voltage the AD8330 can handle before distortion?
    • ⤷ How do you calculate the exact gain (dB) based on the control voltage VGN?