전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • AD8336ACPZ-R7

  • AI
    ### AD8336ACPZ-R7: Technical Overview The **AD8336ACPZ-R7** is a low-noise, general-purpose variable gain amplifier (VGA) manufactured by Analog Devices. It is designed to provide high performance across a wide supply range, making it suitable for applications requiring high dynamic range. --- ### Key Specifications | Parameter | Specification | | :--- | :--- | | **Manufacturer** | Analog Devices | | **Package** | LFCSP-16 (4x4 mm) | | **Bandwidth** | 100 MHz (-3 dB) | | **Gain Range** | -14 dB to +46 dB (depending on configuration) | | **Voltage Supply** | ±2.25 V to ±12 V (Dual) or 4.5 V to 24 V (Single) | | **Slew Rate** | 550 V/µs | | **Noise Performance** | 3.9 nV/√Hz | | **Input Type** | Differential or Single-Ended | --- ### Core Electronic Components & Architecture The AD8336 is comprised of several integrated stages that allow for precise signal conditioning: 1. **Preamplifier:** The input stage features a low-noise operational amplifier. Users can set the initial gain of this stage using external resistors, allowing for customization based on the input signal level. 2. **VGA Core (Interpolated R-2R Ladder):** The gain control is achieved through a patented technique. Instead of discrete steps, it uses an interpolation circuit to provide a smooth, linear-in-dB gain response controlled by an external DC voltage ($V_{GAIN}$). 3. **Output Amplifier:** A high-speed output stage capable of driving heavy loads and providing significant voltage swings, especially when using the maximum ±12V supply. --- ### Application Usage Due to its versatility, the AD8336 is found in various high-precision fields: * **Medical Imaging:** Used in Ultrasound systems for Time Gain Control (TGC). * **Industrial:** High-performance AGC (Automatic Gain Control) loops and sonar systems. * **Communications:** Signal scaling in receivers and RF laboratory instrumentation. * **Video:** High-speed signal amplification and distribution. --- ### Implementation Example (Simplified Pinout) ```c /* Pin Configuration Logic */ Pin 1-4 (NC): No Connection Pin 5 (VGX): Gain Control Voltage Input Pin 10 (VNEG): Negative Supply (-5V to -12V) Pin 13 (VPOS): Positive Supply (+5V to +12V) Pin 16 (VOUT): Signal Output ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between 'Linear-in-dB' and 'Linear' gain control?
    • ⤷ How do I calculate the external resistor values for the preamplifier stage?
    • ⤷ What are the thermal considerations for the LFCSP-16 package at ±12V?