전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • AD8390ACP-R2

  • AI
    ## Overview of the AD8390ACP-R2 The **AD8390ACP-R2** is a high-output current, low-power consumption differential amplifier manufactured by Analog Devices. It is primarily designed as a line driver for ADSL (Asymmetric Digital Subscriber Line) applications, specifically within the CPE (Customer Premises Equipment) market. --- ### Technical Specifications The following table highlights the core electrical characteristics of the AD8390ACP-R2: | Parameter | Specification | | :--- | :--- | | **Function** | Differential Line Driver | | **Supply Voltage** | +5V to +12V | | **Output Current** | 400 mA (Peak) | | **Bandwidth (-3dB)** | 60 MHz | | **Slew Rate** | 900 V/µs | | **Package Type** | LFCSP-16 (Lead Frame Chip Scale Package) | | **Low Distortion** | -82 dBc @ 1 MHz | --- ### Key Electronic Components & Features #### 1. High Output Drive Capability The device is engineered to provide high current drive (up to 400 mA). This is essential for driving low-impedance telephone lines over long distances while maintaining signal integrity. #### 2. Power Management (Efficiency) A critical feature of the AD8390 is its **adjustable quiescent current**. * **Bias Control:** It allows designers to scale the power consumption based on the required output power. * **Power-Down Mode:** It includes a shutdown pin to reduce power consumption to minimal levels when the driver is not in use. #### 3. Differential Architecture The AD8390 consists of two high-speed operational amplifiers configured to work in a differential input/output arrangement. This reduces common-mode noise and improves the dynamic range, which is vital for broadband data transmission. #### 4. Thermal Management Due to the high current output, the **LFCSP-16 package** includes an exposed thermal pad. * **Design Requirement:** This pad must be soldered to the PCB ground plane to dissipate heat effectively. Failure to do so can lead to thermal throttling or component failure. --- ### Typical Application Circuit In a standard DSL modem application, the AD8390 is used as follows: 1. **Input:** Receives a low-voltage differential signal from a Digital-to-Analog Converter (DAC) or AFE (Analog Front End). 2. **Amplification:** Boosts the signal while maintaining high linearity to prevent bit errors. 3. **Output:** Drives the signal through a transformer (usually a 1:1 or 1:2 ratio) onto the twisted-pair copper telephone line. --- ### Comparison with Standard Op-Amps Unlike general-purpose op-amps, the AD8390 is optimized specifically for **Linearity vs. Power**. In the world of DSL, maintaining low "Multi-Tone Power Ratio" (MTPR) distortion is more important than raw gain, as distortion causes data packets to drop.
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout functions for the LFCSP-16 package of the AD8390?
    • ⤷ How does the bias adjustment affect the Multi-Tone Power Ratio (MTPR) in this chip?
    • ⤷ What are the recommended thermal relief techniques for the AD8390 on a 4-layer PCB?