전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • AD8392AACPZ-R2

  • AI
    The **AD8392AACPZ-R2** is a high-output current, low-power consumption quad amplifier specifically designed as a line driver for ADSL/ADSL2+ systems. It is manufactured by Analog Devices and belongs to their high-speed operational amplifier category. --- ### ## Technical Specifications Below are the primary electrical and physical characteristics: | Parameter | Specification | | :--- | :--- | | **Number of Amplifiers** | 4 (Quad) | | **Bandwidth (-3dB)** | 45 MHz | | **Slew Rate** | 225 V/µs | | **Output Current** | Up to 250 mA | | **Operating Supply Voltage** | 5V to 12V | | **Package Type** | LFCSP-32 (Lead Frame Chip Scale Package) | | **Mounting Type** | Surface Mount (SMD) | --- ### ### Key Features and Internal Architecture 1. **Current Feedback Architecture:** Unlike standard voltage-feedback op-amps, the AD8392A uses current feedback. This allows for a high slew rate and wide bandwidth even at high gain settings, which is essential for maintaining signal integrity in broadband data transmission. 2. **High Output Drive:** It is capable of delivering **250 mA** of peak current. This is necessary to drive the low-impedance loads presented by telephone lines through a transformer (typically 1:1 or 1:2 ratios). 3. **Configurable Power Modes:** The chip includes "Power-Down" or "Bias Adjust" pins. This allows designers to trade off power consumption against linearity (Distortion/MTPR), making it efficient for CO (Central Office) applications where many lines are packed together. 4. **Low Distortion:** It is optimized for low Multitone Power Ratio (MTPR) distortion, ensuring that the discrete multitone (DMT) signals used in ADSL2+ do not bleed into adjacent frequency bins. --- ### ### Typical Application Circuit The AD8392A is usually implemented in a differential configuration to drive a line transformer. ```python # Conceptual Pin Connection for ADSL Line Driving Pins 1-8: Positive/Negative Inputs for Amps 1 & 2 Pins 9-16: Output stages and Feedback loops Pins 17-24: Power Rails (VCC/VEE) Pins 25-32: Bias Control / Enable Pins Center Pad: Thermal Ground (Crucial for heat dissipation) ``` ### ### Naming Convention Breakdown * **AD8392A**: The base model number. * **CP**: Indicates the Lead Frame Chip Scale Package (LFCSP). * **Z**: Indicates a RoHS compliant (Lead-free) part. * **R2**: Refers to the Tape and Reel size (typically 250 pieces for R2). ---
    ✨ Follow-up Questions
    • ⤷ What are the thermal considerations for the LFCSP package in high-current applications?
    • ⤷ Can the AD8392A be used in non-DSL applications like motor driving?
    • ⤷ How do the bias control pins affect the power consumption versus MTPR performance?