전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • AD8420BRMZ-R7

  • AI
    The **AD8420BRMZ-R7** is a high-performance, low-power instrumentation amplifier manufactured by Analog Devices. It is specifically designed to amplify small signals in the presence of large common-mode voltages, making it ideal for sensor interfacing. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the AD8420: | Feature | Specification | | :--- | :--- | | **Architecture** | Indirect Current Feedback | | **Supply Voltage** | 2.7 V to 36 V (Single); ±1.35 V to ±18 V (Dual) | | **Quiescent Current** | 75 μA (typical) | | **Gain Range** | 1 to 1000 (Set by two external resistors) | | **Common-Mode Rejection Ratio (CMRR)** | 100 dB (Gain = 10) | | **Bandwidth** | 250 kHz (Gain = 1) | | **Package Type** | 8-Lead MSOP (RM-8) | --- ### 2. Functional Advantages The AD8420 stands out due to its **Indirect Current Feedback** architecture, which provides several benefits over traditional three-op-amp instrumentation amplifiers: * **Wide Common-Mode Range:** Unlike traditional designs, the input common-mode range of the AD8420 can go all the way to the negative supply rail, and even slightly below it. * **Rail-to-Rail Output:** The output can swing very close to the supply rails, maximizing the dynamic range for ADC (Analog-to-Digital Converter) interfacing. * **Flexible Gain:** The gain is determined by the ratio of two external resistors ($G = 1 + R_B/R_A$), allowing for high precision and low temperature drift if high-quality resistors are used. * **Micropower Operation:** Consuming only 75 μA, it is highly suitable for battery-powered or portable medical devices. --- ### 3. Pin Configuration and Package The "R7" suffix indicates that the part is supplied on a **7-inch tape and reel**. The "BRMZ" denotes the B-grade (higher precision) and the MSOP package. ```text 8-Lead MSOP Top View +-------+-------+ -IN | 1 | 8 | +IN RG- | 2 | 7 | RG+ REF | 3 | 6 | VOUT -VS | 4 | 5 | +VS +-------+-------+ ``` --- ### 4. Typical Applications The AD8420 is commonly found in precision environments such as: 1. **Medical Instrumentation:** ECG/EKG monitors where low power and high CMRR are critical. 2. **Industrial Process Control:** Bridge amplifiers for pressure and temperature sensors. 3. **Portable Data Loggers:** Systems requiring high accuracy with minimal battery drain. 4. **Low-Side Current Sensing:** Due to its ability to handle common-mode signals at the negative rail. ---
    ✨ Follow-up Questions
    • ⤷ How does the Indirect Current Feedback architecture differ from a standard 3-op-amp instrumentation amplifier?
    • ⤷ What are the specific resistor calculations for setting a gain of 100 on the AD8420?
    • ⤷ What is the impact of the 'B' grade vs 'A' grade in the AD8420 series?