전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • AD8421ARZ-R7

  • AI
    ## AD8421ARZ-R7: Technical Overview The **AD8421ARZ-R7** is a high-speed, extremely low-noise instrumentation amplifier designed by Analog Devices. It is engineered for high-precision data acquisition and signal conditioning applications. --- ### 1. Key Specifications The following table summarizes the primary electrical characteristics of the AD8421ARZ-R7: | Parameter | Specification | | :--- | :--- | | **Architecture** | 3-Op Amp Instrumentation Amplifier | | **Gain Range** | 1 to 10,000 (Set by a single resistor $R_G$) | | **Bandwidth** | 10 MHz (at $G=1$) | | **Slew Rate** | 35 V/µs | | **Voltage Noise** | 3 nV/√Hz (at 1 kHz) | | **Supply Range** | ±2.5 V to ±18 V | | **Package** | 8-Lead SOIC (Small Outline Integrated Circuit) | | **Input Bias Current** | 500 pA (Maximum) | --- ### 2. Core Features and Benefits * **Exceptional Noise Performance:** With a voltage noise density of 3 nV/√Hz and ultra-low current noise, it is ideal for sensors with high source impedance. * **High Speed:** A 10 MHz bandwidth and fast settling time (0.8 µs to 0.001%) make it suitable for multiplexed applications. * **Input Protection:** The device features robust input protection, capable of withstanding voltages up to 40V from the opposite supply rail without damage. * **High CMRR:** It offers excellent Common-Mode Rejection Ratio (94 dB min at $G=1$), which is critical for extracting small signals in electrically noisy environments. --- ### 3. Gain Calculation The gain is set by connecting an external resistor ($R_G$) between pins 1 and 8. The formula to determine the gain is: ```math G = 1 + \frac{9.9 \text{ k}\Omega}{R_G} ``` #### Common Gain Resistor Values: | Desired Gain | $R_G$ Value (Standard 1% Resistor) | | :--- | :--- | | 1 | Open (No resistor) | | 10 | 1.1 k$\Omega$ | | 100 | 100 $\Omega$ | | 1000 | 9.91 $\Omega$ | --- ### 4. Typical Applications * **Medical Instrumentation:** ECG and EEG monitoring where low noise is paramount. * **Precision Data Acquisition:** Interfacing with high-resolution ADCs. * **Industrial Process Control:** Strain gauge amplifiers and thermocouple sensors. * **Audio Equipment:** High-end pre-amplification. ---
    ✨ Follow-up Questions
    • ⤷ How does the AD8421 compare to the AD8221 in terms of noise and bandwidth?
    • ⤷ What are the layout considerations to maintain the high CMRR of this chip?
    • ⤷ Can the AD8421 operate on a single-supply rail?