전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • AD8465WBCPZ-R7

  • AI
    ### AD8465WBCPZ-R7 Overview The **AD8465WBCPZ-R7** is a high-speed, rail-to-rail comparator manufactured by Analog Devices. It is specifically designed for high-performance applications that require low power consumption and high speed, particularly in automotive environments. --- ### Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Propagation Delay** | 3.0 ns (typical) | | **Supply Voltage Range** | 2.5 V to 5.5 V | | **Supply Current** | 3 mA per comparator | | **Input Common-Mode Range** | −0.2 V to VCC + 0.2 V | | **Output Type** | LVDS (Low Voltage Differential Signaling) | | **Package** | 12-lead LFCSP (Lead Frame Chip Scale Package) | | **Operating Temperature** | -40°C to +125°C | --- ### Core Electronic Characteristics #### 1. LVDS Output Logic Unlike standard comparators that output CMOS/TTL levels, the AD8465 utilizes **LVDS**. This is critical for high-speed signal integrity because: * It minimizes EMI (Electromagnetic Interference). * It reduces power dissipation at high frequencies. * It provides high noise immunity for downstream FPGAs or DSPs. #### 2. Rail-to-Rail Input The device features an input stage that can handle signals slightly beyond the supply rails. This prevents "phase reversal" (where the output flips incorrectly when inputs exceed limits), making it robust for sensor interfacing. #### 3. Automotive Qualification (W-Grade) The "W" in the part number indicates **Automotive Grade**. * It is AEC-Q100 qualified. * It is manufactured on a specialized process flow to ensure higher reliability under extreme thermal and mechanical stress. #### 4. Latch Enable Function The chip includes a **Latch** pin. When activated, the output remains held at its current state regardless of changes at the input. This is vital for synchronized data acquisition and timing-critical applications. --- ### Pin Configuration Summary | Pin No. | Name | Description | | :--- | :--- | :--- | | 1, 2 | VP / VN | Non-inverting and Inverting Inputs | | 3, 4 | VCC / VEE | Positive and Negative Power Supplies | | 7, 8 | Q / /Q | Differential LVDS Outputs | | 10 | LE | Latch Enable input | --- ### Typical Applications * **Automotive Radar/Lidar:** For fast pulse detection. * **High-Speed Triggering:** In test and measurement equipment. * **Clock and Data Restoration:** Cleaning up high-speed digital signals. * **Threshold Detection:** Monitoring battery management systems (BMS).
    ✨ Follow-up Questions
    • ⤷ How does the LVDS output benefit noise immunity compared to standard CMOS outputs?
    • ⤷ What are the power consumption trade-offs when operating at the maximum 3.0 ns speed?
    • ⤷ Can you explain the specific advantages of AEC-Q100 qualification for this part?