전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • AD8475ACPZ-R7

  • AI
    ## Overview of the AD8475ACPZ-R7 The **AD8475ACPZ-R7** is a precision, fully differential funnel amplifier (attenuating amplifier) manufactured by Analog Devices. It is specifically designed to condition high-voltage signals to interface with low-voltage, high-speed differential input Analog-to-Digital Converters (ADCs). --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Gain Settings** | 0.4x and 0.8x (User selectable) | | **Input Voltage Range** | Up to ±10V (on a single 5V supply) | | **Output Type** | Fully Differential | | **Bandwidth (-3 dB)** | 85 MHz | | **Slew Rate** | 50 V/µs | | **Supply Voltage Range** | 3.0V to 10V (Single) or ±1.5V to ±5V (Dual) | | **Package Type** | 16-Lead LFCSP (3mm x 3mm) | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Core Functional Blocks The internal architecture of the AD8475 consists of several critical stages: 1. **Precision Resistor Network:** It uses integrated, laser-trimmed resistors to provide highly accurate gain (0.4 or 0.8). Because these resistors are on-chip, they provide excellent matching and low thermal drift compared to discrete resistors. 2. **Differential Amplifier Core:** This stage converts single-ended or differential input signals into a balanced differential output. 3. **Vocm Pin (Common-Mode Control):** This allows the user to set the output common-mode voltage independently of the input. This is vital for matching the input range requirements of modern SAR and Sigma-Delta ADCs. 4. **Rail-to-Rail Output:** The output stage can swing close to the supply rails, maximizing the dynamic range of the ADC. --- ### 3. Application Use Cases The AD8475 is primarily used as a "level shifter" and "buffer" in the following scenarios: * **Industrial Process Control:** Converting ±10V industrial signals into a 0V to 4V or 0V to 5V range for microcontrollers. * **Data Acquisition Systems (DAQ):** Acting as a driver for high-performance 16-bit or 18-bit ADCs. * **Battery Monitoring:** Handling high-voltage battery stack inputs and scaling them down for low-voltage monitoring circuits. --- ### 4. Implementation Example (Simplified Pinout) ```c // Pseudo-logic for Gain Selection If (Pin_GAIN = High) -> Gain = 0.4 If (Pin_GAIN = Low) -> Gain = 0.8 // Voltage calculation (at Gain 0.4) V_out_diff = (V_in_pos - V_in_neg) * 0.4 ``` --- ### 5. Advantages over Discrete Solutions * **Space Efficiency:** The 3x3mm LFCSP package replaces an instrumentation amplifier and several precision resistors. * **CMRR (Common Mode Rejection Ratio):** High CMRR (typically 80dB+) ensures that noise affecting both input lines is effectively cancelled out. * **Overvoltage Protection:** The inputs are designed to handle voltages significantly beyond the power supply rails (up to ±15V with a 5V supply) without damaging the part.
    ✨ Follow-up Questions
    • ⤷ How do I calculate the power dissipation of the AD8475 in a high-speed application?
    • ⤷ What are the specific layout recommendations for the LFCSP package to ensure thermal stability?
    • ⤷ Can the AD8475 be used in a single-ended output configuration?