전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • AD8494ARMZ-R7

  • AI
    ## Overview of the AD8494ARMZ-R7 The **AD8494ARMZ-R7** is a precision instrumentation amplifier specifically designed for **thermocouple temperature measurement**. It is manufactured by Analog Devices and belongs to the AD849x series, which integrates a high-quality instrumentation amplifier and a thermocouple cold junction compensator on a single chip. --- ### Technical Specifications | Parameter | Specification | | :--- | :--- | | **Thermocouple Type** | Type J (optimized) | | **Function** | Cold Junction Compensation & Amplification | | **Output Scaling** | 5 mV/°C | | **Supply Voltage (Single)** | 2.7 V to 36 V | | **Supply Voltage (Dual)** | ±1.35 V to ±18 V | | **Package Type** | 8-Lead MSOP (ARMZ) | | **Accuracy** | ±2°C (at 25°C) | | **Input Bias Current** | 25 nA | --- ### Key Internal Components The AD8494 is more than just a standard Op-Amp; it contains several critical electronic stages: 1. **Cold Junction Compensator:** This internal circuit senses the ambient temperature at the chip. It automatically adds the necessary voltage to the thermocouple signal to compensate for the "cold junction" error, ensuring the output reflects the actual temperature at the probe tip. 2. **Instrumentation Amplifier:** A high-impedance differential amplifier that extracts the tiny millivolt signal from the thermocouple while rejecting common-mode noise. 3. **Reference Buffer:** Allows the user to shift the output voltage (Level Shifting). This is useful when measuring negative temperatures while using a single-ended power supply. --- ### Pin Configuration (MSOP-8) | Pin # | Name | Description | | :--- | :--- | :--- | | 1 | **-IN** | Negative Thermocouple Input | | 2 | **+IN** | Positive Thermocouple Input | | 3 | **REF** | Reference Voltage Input (sets the 0°C output level) | | 4 | **-Vs** | Negative Supply Voltage | | 5 | **OUT** | Analog Voltage Output (5mV/°C) | | 6 | **+Vs** | Positive Supply Voltage | | 7 | **NC** | No Connection | | 8 | **SENSE** | Feedback for the output stage (usually tied to OUT) | --- ### Application Usage The AD8494 simplifies the design process because it converts a non-linear thermocouple signal into a linear analog voltage. ```python # Theoretical calculation for the AD8494 Output # Output = (V_thermocouple + V_compensation) * Gain # Standard Scaling: 5mV per Degree Celsius def get_temperature(v_out_volts, v_ref_volts=0): temp_c = (v_out_volts - v_ref_volts) / 0.005 return temp_c # Example: Output is 1.25V with REF grounded # Result: 250 degrees Celsius ``` --- ### Why use the AD8494? * **High Noise Rejection:** Ideal for industrial environments where long thermocouple wires pick up interference. * **Space Saving:** Eliminates the need for external thermistors and complex discrete amplifier circuits. * **Versatility:** While optimized for **Type J**, it can also be used as a standalone instrumentation amplifier or adapted for other thermocouple types with external resistors.
    ✨ Follow-up Questions
    • ⤷What is the difference between AD8494 and AD8495?
    • ⤷ How do I wire the REF pin for measuring sub-zero temperatures?
    • ⤷ Does the AD8494 include open-thermocouple detection?