전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • AD8515ARTZ-R2

  • AI
    ## AD8515ARTZ-R2: Overview and Technical Specifications The **AD8515ARTZ-R2** is a high-performance, low-power operational amplifier manufactured by Analog Devices. It is specifically designed for battery-powered applications where space and power efficiency are critical. --- ### 1. Key Features The AD8515 belongs to the "Rail-to-Rail" family, meaning both its input and output can swing across the full range of the supply voltage. | Feature | Specification | | :--- | :--- | | **Supply Voltage Range** | 1.8V to 5.0V | | **Quiescent Current** | ~350 µA (Maximum) | | **Input/Output Type** | Rail-to-Rail | | **Gain Bandwidth Product** | 5 MHz | | **Package Type** | SOT-23-5 | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Core Functional Components To understand the electronic parts of the AD8515, we look at its internal and external architecture: * **Input Stage:** Uses a complementary differential pair (usually P-channel and N-channel MOSFETs) to allow the common-mode input voltage to range from the negative rail to the positive rail without "clipping." * **Output Stage:** A class AB amplifier design that ensures the output signal can swing within millivolts of the supply rails, maximizing the dynamic range. * **Internal Compensation:** It includes an internal capacitor to ensure stability at unity gain, preventing oscillations during standard voltage follower operations. --- ### 3. Pin Configuration (SOT-23-5) The AD8515ARTZ-R2 uses a standard 5-pin small outline transistor package: | Pin Number | Symbol | Description | | :--- | :--- | :--- | | 1 | **OUT** | Amplifier Output | | 2 | **V-** | Negative Supply (or Ground) | | 3 | **+IN** | Non-Inverting Input | | 4 | **-IN** | Inverting Input | | 5 | **V+** | Positive Supply | --- ### 4. Typical Application Circuit Below is a simple representation of how the AD8515 is integrated into a non-inverting amplifier circuit: ```text V+ (5V) | [Pin 5] | +----+-----+ | AD8515 |----[Pin 1]---- Output +----+-----+ | | | [Pin 2] [Pin 3] [Pin 4] | | | GND Input +---[Rf]---+ | | [Rg] (Feedback) | GND ``` --- ### 5. Common Use Cases * **Portable Instrumentation:** Handheld multimeters or sensors. * **Battery Monitoring:** Low voltage drop-out (LDO) regulators or battery life indicators. * **Audio Pre-amplification:** Low-power signal conditioning for microphones. * **Sensor Interfaces:** Amplifying signals from photodiodes or thermistors in 1.8V systems.
    ✨ Follow-up Questions
    • ⤷What are the main differences between the AD8515 and the AD8510?
    • ⤷ How does the rail-to-rail feature impact signal distortion in low-voltage designs?
    • ⤷ Can the AD8515 be used in a single-supply system with a 1.8V battery?