AD8531AKS-R2
AI

## AD8531AKS-R2: Overview and Technical Specifications
The **AD8531AKS-R2** is a high-output current, low-power, CMOS operational amplifier manufactured by Analog Devices. It is specifically designed for applications where space is limited and high current drive is required.
---
### 1. Key Features
The following table highlights the primary technical characteristics of the AD8531 series:
| Feature | Specification |
| :--- | :--- |
| **Output Current** | 250 mA (High Drive) |
| **Supply Voltage Range** | 2.7 V to 6.0 V |
| **Input Bias Current** | 5 pA (Typical) |
| **Bandwidth** | 3 MHz |
| **Slew Rate** | 5 V/µs |
| **Input/Output Type** | Rail-to-Rail |
| **Package Type** | SC70-5 (AKS designation) |
---
### 2. Functional Description
The AD8531 is unique because it combines the low input bias current of a CMOS op-amp with the power handling of a dedicated driver.
* **Rail-to-Rail Performance:** Both the input and output can swing to the full extent of the power supply rails. This is critical for low-voltage systems (like 3V or 5V batteries) to maximize dynamic range.
* **High Output Drive:** Capable of delivering up to 250 mA, making it suitable for driving resistive or capacitive loads that standard op-amps cannot handle.
* **Single Supply Operation:** Optimized for single-supply operation, though it can function on dual supplies if the total voltage remains under 6V.
---
### 3. Pin Configuration (SC70-5)
The **AKS** suffix refers to the 5-lead SC70 package, which is extremely small (approx. 2mm x 2.1mm).
| Pin Number | Symbol | Description |
| :--- | :--- | :--- |
| 1 | OUT | Amplifier Output |
| 2 | V- | Negative Supply (or Ground) |
| 3 | +IN | Non-inverting Input |
| 4 | -IN | Inverting Input |
| 5 | V+ | Positive Supply |
---
### 4. Common Applications
* **LCD Peak Drivers:** Used to drive the common plane of thin-film transistor (TFT) displays.
* **Audio Power:** Driving low-impedance headphones or small speakers.
* **ASIC Input/Output Buffers:** Interfacing low-power sensors with high-current inputs.
* **Refrence Buffers:** Providing a stable, high-current voltage reference.
---
### 5. Part Number Breakdown
* **AD8531:** The base model number.
* **AKS:** Indicates the SC70 package type.
* **R2:** Refers to the Tape and Reel packaging (usually a 7-inch reel with a specific quantity).
- ⤷What is the difference between AD8531 and AD8532?
- ⤷ Can the AD8531 be used for high-speed signal processing?
- ⤷ What are the thermal considerations when drawing 250mA from an SC70 package?