전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • AD8606ARMZ-R7

  • AI
    The **AD8606ARMZ-R7** is a high-precision, dual-channel, rail-to-rail input and output (RRIO) operational amplifier manufactured by Analog Devices. It is widely recognized for its low noise, low offset voltage, and low input bias current. --- ### ## Technical Specifications Below are the primary electrical characteristics of the AD8606ARMZ-R7: | Parameter | Specification | | :--- | :--- | | **Number of Channels** | 2 (Dual) | | **Supply Voltage (Single)** | 2.7 V to 5.5 V | | **Offset Voltage (Max)** | 65 µV | | **Input Bias Current (Max)** | 1 pA | | **Bandwidth (-3dB)** | 9 MHz | | **Slew Rate** | 5 V/µs | | **Voltage Noise Density** | 8 nV/√Hz (at 1 kHz) | | **Operating Temperature** | -40°C to +125°C | | **Package Type** | MSOP-8 (ARMZ) | --- ### ### Key Features 1. **Low Noise:** With a noise density of only $8\text{ nV}/\sqrt{\text{Hz}}$, it is ideal for precision sensor amplification where signal integrity is critical. 2. **Rail-to-Rail Input/Output:** This allows the signal to swing very close to the supply rails, maximizing dynamic range in low-voltage systems (like 3.3V or 5V logic). 3. **Low Offset Drift:** It maintains high accuracy over temperature fluctuations, making it suitable for industrial environments. 4. **DigiTrim® Technology:** Analog Devices uses a patented digital trimming technique at the wafer level to achieve very low offset voltages without the need for external adjustment. --- ### ### Typical Applications * **Photodiode Amplification:** Due to the ultra-low input bias current (1 pA), it is perfect for converting small currents from optical sensors into measurable voltages. * **Battery-Powered Instrumentation:** The efficiency and low voltage requirements make it suitable for portable medical devices. * **Audio Preamplifiers:** The low noise and low distortion characteristics provide high-fidelity audio signal processing. * **Data Acquisition:** Used as a buffer or gain stage for high-resolution Analog-to-Digital Converters (ADCs). --- ### ### Pin Configuration (MSOP-8) ```text _______ OUT A 1|* |8 V+ -IN A 2| |7 OUT B +IN A 3| |6 -IN B V- 4|_______|5 +IN B ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the AD8606 and the AD8605?
    • ⤷ Can the AD8606 be used in a single-supply 3.3V system?
    • ⤷ What is the meaning of the 'R7' suffix in the part number?