전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • AD8682ARMZ-R2

  • AI
    ## Technical Overview of the AD8682ARMZ-R2 The **AD8682ARMZ-R2** is a high-precision, dual-channel, JFET-input operational amplifier manufactured by Analog Devices. It is part of the AD8682 series, known for its low power consumption and high speed. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the AD8682ARMZ-R2: | Parameter | Specification | | :--- | :--- | | **Amplifier Type** | JFET Input | | **Number of Channels** | 2 (Dual) | | **Slew Rate** | 9 V/µs | | **Gain Bandwidth Product** | 3.5 MHz | | **Supply Voltage (Single/Dual)** | ±5V to ±18V (or 10V to 36V) | | **Input Bias Current** | 10 pA (Typical) | | **Supply Current (per channel)** | 210 µA | | **Package Type** | MSOP-8 (8-Lead Micro Small Outline Package) | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Core Features and Benefits * **Low Input Bias Current:** Because it uses JFET technology at the input stage, the bias current is extremely low (pico-ampere range). This makes it ideal for high-impedance sensor interfaces. * **Low Power Consumption:** At only 210 µA per amplifier, it is suitable for battery-powered or thermally sensitive applications. * **High Slew Rate:** The 9 V/µs slew rate allows for fast signal transitions, minimizing distortion in AC applications. * **Unity-Gain Stable:** The device can be used in a voltage follower configuration without internal oscillation issues. --- ### 3. Pin Configuration (MSOP-8) | Pin Number | Symbol | Description | | :--- | :--- | :--- | | 1 | **OUT A** | Output of Amplifier A | | 2 | **-IN A** | Inverting Input of Amplifier A | | 3 | **+IN A** | Non-Inverting Input of Amplifier A | | 4 | **V-** | Negative Power Supply | | 5 | **+IN B** | Non-Inverting Input of Amplifier B | | 6 | **-IN B** | Inverting Input of Amplifier B | | 7 | **OUT B** | Output of Amplifier B | | 8 | **V+** | Positive Power Supply | --- ### 4. Common Applications * **Photodiode Amplifiers:** Due to the low input bias current. * **Precision Filters:** High-speed and low noise allow for accurate active filter designs. * **Battery-Powered Instrumentation:** Low current draw extends battery life. * **Level Shifting:** Used in signal conditioning for ADCs (Analog-to-Digital Converters). --- ### 5. Part Number Breakdown The suffix `ARMZ-R2` provides specific manufacturing details: * **ARMZ:** Indicates the MSOP-8 package and RoHS compliance (lead-free). * **R2:** Refers to the "Tape and Reel" packaging size (typically 250 units per reel for the R2 designation).
    ✨ Follow-up Questions
    • ⤷What are the differences between JFET and CMOS input operational amplifiers?
    • ⤷ Can the AD8682 be used with a single 5V power supply?
    • ⤷ How does the AD8682 compare to the TL082 in terms of noise and power?