전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • AD8698ARM-R2

  • AI
    ## Overview of AD8698ARM-R2 The **AD8698ARM-R2** is a high-precision, low-noise, dual-channel operational amplifier (op-amp) manufactured by Analog Devices. It is designed for applications requiring high accuracy and stability over a wide temperature range. --- ### Technical Specifications The following table outlines the key electrical characteristics of the AD8698ARM-R2: | Parameter | Specification | | :--- | :--- | | **Number of Channels** | 2 (Dual) | | **Supply Voltage (Single)** | 5V to 30V | | **Supply Voltage (Dual)** | ±2.5V to ±15V | | **Bandwidth (GBP)** | 1 MHz | | **Slew Rate** | 0.4 V/µs | | **Offset Voltage (Max)** | 100 µV | | **Noise Density** | 12 nV/√Hz @ 1kHz | | **Input Bias Current** | 1 pA (typical) | | **Operating Temperature** | -40°C to +125°C | | **Package Type** | MSOP-8 (ARM designation) | --- ### Key Features and Benefits 1. **Low Offset Voltage:** With a maximum offset of 100 µV, it minimizes DC errors, making it ideal for precision instrumentation. 2. **Low Input Bias Current:** Utilizing JFET or high-impedance input stages allows for minimal error when used with high-resistance sensors. 3. **High Supply Voltage Range:** Unlike many modern low-voltage op-amps, the AD8698 can handle up to 30V, allowing it to integrate into industrial power systems. 4. **Excellent Stability:** Designed to remain stable across its entire temperature range, reducing the need for recalibration in field-deployed devices. --- ### Application Use Cases * **Precision Filters:** Due to its low noise and high input impedance, it is often used in active filter designs. * **Sensor Interfaces:** Amplifying signals from thermocouples, strain gauges, and photodiode preamps. * **Medical Instrumentation:** Used in ECG or pulse oximetry equipment where low noise is critical. * **Industrial Controls:** 4-20mA loop transmitters and high-accuracy voltage regulators. --- ### Internal Structure (Simplified) ```mermaid graph LR InA[+ Input A] --> AmpA[Op-Amp A] InA_neg[- Input A] --> AmpA AmpA --> OutA[Output A] InB[+ Input B] --> AmpB[Op-Amp B] InB_neg[- Input B] --> AmpB AmpB --> OutB[Output B] Vplus[V+] --> AmpA Vplus --> AmpB Vminus[V-] --> AmpA Vminus --> AmpB ```
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the AD8698 and the AD8692?
    • ⤷ Can the AD8698ARM-R2 be used in battery-powered applications?
    • ⤷ What is the meaning of the 'R2' suffix in the part number?