전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • AD9512UCPZ-EP-R7

  • AI
    ## Overview of the AD9512UCPZ-EP-R7 The **AD9512UCPZ-EP-R7** is a high-performance, multi-output clock distribution IC designed by Analog Devices. This specific variant belongs to the "Enhanced Product" (EP) line, meaning it is rated for defense, aerospace, and harsh industrial applications. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Function** | Clock Distribution / Delay Management | | **Output Channels** | 5 Independent Outputs | | **Max Frequency** | Up to 1.6 GHz (LVPECL) | | **Logic Levels** | LVPECL, LVDS, and CMOS | | **Phase Noise** | Ultra-low (additive jitter < 300 fs rms) | | **Operating Temp** | -55°C to +125°C (Military/Extended range) | | **Supply Voltage** | 3.3V | | **Package** | 48-Lead LFCSP | --- ### 2. Core Functional Components The internal architecture of the AD9512 is built to provide precise timing signals with minimal signal degradation. #### A. Clock Input Section The device features two high-speed differential inputs (CLK1, CLK2). These can operate up to 1.6 GHz and include an integrated clock-loss monitor to trigger a switchover if one clock source fails. #### B. Programmable Dividers Each of the five outputs has a dedicated, programmable divider. * **Divide Ratios:** Range from 1 to 32. * **Phase Offset:** Allows for precise alignment or staggered delays between different output channels. #### C. Output Drivers The 5 outputs are categorized by their signaling standards: 1. **Outputs 0-1:** High-speed LVPECL (Low-Voltage Positive Emitter-Coupled Logic). 2. **Outputs 2-4:** Selectable between LVDS (Low-Voltage Differential Signaling) or CMOS. #### D. Delay Block One of the distinct features is a programmable delay line on certain outputs, providing fine-tuning increments (typically ~150 ps steps) to compensate for PCB trace length mismatches. --- ### 3. The "EP" (Enhanced Product) Designation The suffix **-EP** signifies that this part undergoes more rigorous testing than standard commercial versions: * **Controlled Baseline:** One assembly site, one test site, and one fabrication site. * **Extended Temperature:** Guaranteed performance from -55°C to +125°C. * **V62/09623 (DSCC):** Often associated with a Defense Supply Center Columbus drawing number for military use. * **Ni/Pd/Au Lead Finish:** Enhanced reliability against tin whiskers. --- ### 4. Application Code Example The device is typically configured via a Serial Port Interface (SPI). Below is a conceptual representation of how a register write might look in C-style pseudocode to set a divider: ```c // Example: Setting Divider 0 (Register 0x4B) to a value of 4 // Function: SPI_Write(Register_Address, Data_Byte) void configure_ad9512() { // 1. Initialize SPI communication // 2. Set Divider 0 to 4 (High Cycles=2, Low Cycles=2) SPI_Write(0x4B, 0x11); // 3. Update Registers to apply changes SPI_Write(0x5A, 0x01); } ``` --- ### 5. Common Applications * **High-Speed Data Converters:** Providing the sampling clock for ADCs and DACs. * **Wireless Infrastructure:** Base stations (LTE/5G) requiring low-jitter timing. * **Aerospace & Defense:** Radar systems and secure communication links. * **Test & Measurement:** Precision instrumentation. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the AD9512 and the AD9510 series?
    • ⤷ How does the phase noise of the AD9512 compare to modern PLL-based clock generators?
    • ⤷ Can the CMOS outputs handle the same 1.6 GHz frequency as the LVPECL outputs?