전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ADA4432-1BCPZ-R7

  • AI
    ## Overview of the ADA4432-1BCPZ-R7 The **ADA4432-1BCPZ-R7** is a high-performance, single-channel, sixth-order low-pass filter integrated with a video amplifier. It is primarily designed to serve as a reconstruction filter for standard definition (SD) video signals. Manufactured by **Analog Devices (ADI)**, this part is optimized for low power consumption and high integration in portable electronics. --- ### Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Type** | Video Filter / Reconstruction Filter | | **Filter Order** | 6th Order Low-Pass | | **Cutoff Frequency (-3 dB)** | 8 MHz (Standard Definition) | | **Voltage Supply Range** | 2.6 V to 3.6 V (Single Supply) | | **Operating Current** | ~7.6 mA (Typical) | | **Package Type** | 8-Lead LFCSP (2mm x 2mm) | | **Mounting Type** | Surface Mount (SMD) | | **Output Type** | Rail-to-Rail | --- ### Core Electronic Characteristics #### 1. Signal Conditioning The device acts as a **Reconstruction Filter**. In digital-to-analog conversion (DAC) processes, "images" or aliasing noise appear at high frequencies. This 6th-order filter sharply cuts off frequencies above 8 MHz to ensure a clean analog video signal. #### 2. Sag Correction One of the distinct electronic features of this part is the **SAG correction** capability. This allows the use of smaller AC-coupling capacitors on the output while maintaining low-frequency response, which saves board space in compact devices like smartphones or cameras. #### 3. Power Management The ADA4432-1 includes a **Power-Down (Disable) pin**. When the video function is not in use, the chip can be put into a low-power state to extend battery life in portable applications. --- ### Typical Application Circuit The following block represents the typical signal flow: ```mermaid graph LR A[Video DAC] --> B[ADA4432-1 Filter] B --> C[AC Coupling / SAG Correction] C --> D[Video Output / Connector] ``` ### Common Use Cases * **Portable Media Players:** Ensuring high-quality video output to external screens. * **Digital Still Cameras (DSC):** Filtering the analog output signal for TV-out functions. * **Set-Top Boxes:** Processing SD video signals for consumer electronics. * **Automotive Infotainment:** Handling rear-view camera or entertainment signals. --- ### Packaging and Handling The **"BCPZ-R7"** suffix indicates: * **BCP:** Lead Frame Chip Scale Package (LFCSP). * **Z:** RoHS compliant (Lead-free). * **R7:** 7-inch reel (standard tape and reel packaging for automated assembly).
    ✨ Follow-up Questions
    • ⤷ How does the SAG correction feature reduce the size of output capacitors?
    • ⤷ What are the advantages of a 6th-order filter over a lower-order filter in video applications?
    • ⤷ Can the ADA4432-1 be used for High Definition (HD) video signals?