전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ADA4433-1BCPZ-R2

  • AI
    ## ADA4433-1BCPZ-R2: Detailed Technical Overview The **ADA4433-1BCPZ-R2** is a high-performance, single-channel video reconstruction filter produced by **Analog Devices**. It is specifically designed for high-definition (HD) video applications, particularly in automotive environments. --- ### 1. Key Technical Specifications | Parameter | Specification | |:---|:---| | **Type** | Video Filter / Buffer | | **Configuration** | Single Channel | | **Output Type** | Rail-to-Rail | | **Supply Voltage (Single)** | 2.7 V to 3.6 V | | **Bandwidth (-3 dB)** | 31 MHz | | **Slew Rate** | 95 V/µs | | **Package** | LFCSP-8 (3mm x 3mm) | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Core Features * **Integrated Low-Pass Filter:** Features a 5th-order Butterworth filter, which provides a flat frequency response in the passband and excellent rejection of out-of-band noise (aliasing). * **Automotive Grade:** Qualified for AEC-Q100, making it suitable for rearview cameras and infotainment systems. * **Short-to-Battery Protection:** This is a critical safety feature. It can withstand accidental connections to the car battery (up to 18V) on the output pins without damaging the internal circuitry. * **Charge Pump Integration:** Includes an internal charge pump that allows the output to be DC-coupled without the need for large, expensive AC-coupling capacitors. --- ### 3. Application Use Cases The ADA4433-1 is primarily used where video signals need to be cleaned of high-frequency noise before being displayed or transmitted. 1. **Automotive Vision Systems:** Rearview, side-view, and surround-view camera systems. 2. **Infotainment Units:** Processing signals for vehicle dashboard displays. 3. **Portable Video Devices:** Digital still cameras and camcorders requiring low power consumption. 4. **Set-Top Boxes:** Filtering SD and HD video outputs. --- ### 4. Typical Connection Diagram (Functional) ```mermaid graph LR A[Video DAC] --> B(ADA4433-1) B --> C[Internal 5th Order LPF] C --> D[Output Buffer] D --> E[Video Monitor/Display] subgraph Protection D -.-> F[Short-to-Battery Protection] end ``` --- ### 5. Part Number Breakdown * **ADA4433-1:** The base model/series number. * **BCPZ:** Indicates the package type (LFCSP) and Lead-Free status. * **R2:** Specifies the tape and reel size (usually a 250-piece reel for small-scale production/sampling).
    ✨ Follow-up Questions
    • ⤷ What are the advantages of a 5th-order Butterworth filter in video applications?
    • ⤷ How does the short-to-battery protection mechanism function in this IC?
    • ⤷ Can this part be used for 4K video signals
    • ⤷ or is it limited to HD?