전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ADA4433-1BCPZ-R7

  • AI
    ## ADA4433-1BCPZ-R7: Technical Overview The **ADA4433-1BCPZ-R7** is a high-performance, fully integrated video filter amplifier manufactured by **Analog Devices**. It is specifically designed to provide video reconstruction filtering and drive signals for SD (Standard Definition) video applications in harsh environments, such as automotive systems. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Type** | Video Filter / Driver | | **Number of Channels** | 1 (Single) | | **Output Type** | Rail-to-Rail | | **Filter Type** | 5th Order Low-Pass (Standard Definition) | | **-3 dB Bandwidth** | 10 MHz | | **Slew Rate** | 85 V/µs | | **Supply Voltage Range** | 2.7V to 3.6V (Single Supply) | | **Package / Case** | 8-WFDFN, CSP (3x3 mm) | | **Operating Temp Range** | -40°C to +125°C | --- ### 2. Core Functional Features * **Integrated 5th Order Filter:** It includes a low-pass filter with a 10 MHz cutoff frequency. This is essential for removing high-frequency noise and "aliasing" artifacts generated by Digital-to-Analog Converters (DACs). * **Overvoltage Protection (OVP):** One of its standout features is the ability to withstand high-voltage shorts (up to 18V) to the battery or ground. This is critical for automotive safety. * **Charge Pump Technology:** It features an internal charge pump that allows the output to reach 0V (ground) even while operating on a single supply, eliminating the need for large AC-coupling capacitors. * **Sag Correction:** This feature reduces the size of the output coupling capacitor required when driving AC-coupled loads. --- ### 3. Pinout and Internal Structure The device is housed in a compact **LFCSP (Lead Frame Chip Scale Package)**. Below is a conceptual representation of the internal signal flow: ```mermaid graph LR In[Video Input] --> F[5th Order LPF] F --> A[Gain Amplifier] A --> OVP[Short-to-Battery Protection] OVP --> Out[Video Output] CP[Charge Pump] -.-> Out ``` --- ### 4. Typical Applications The ADA4433-1 is predominantly used in environments where signal integrity and robustness are paramount: 1. **Automotive Vision Systems:** Rear-view cameras, surround-view monitors, and infotainment displays. 2. **Portable Video:** Digital still cameras (DSC) and camcorders. 3. **Security/Surveillance:** Analog CCTV systems requiring SD signal conditioning. --- ### 5. Ordering Information (Suffix Breakdown) * **ADA4433-1:** The base model number. * **BCPZ:** Refers to the lead-free (RoHS compliant) LFCSP package. * **R7:** Indicates the packaging format (7-inch Reel, typically containing 1,500 or 3,000 units). ---
    ✨ Follow-up Questions
    • ⤷How does the Short-to-Battery protection mechanism work in this chip?
    • ⤷ What are the advantages of using a 5th order filter over a lower order filter for video?
    • ⤷ Can the ADA4433-1 be used for High Definition (HD) video signals?