전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ADA4625-2ARDZ-R7

  • AI
    ## Technical Overview of ADA4625-2ARDZ-R7 The **ADA4625-2ARDZ-R7** is a high-performance, dual-channel, JFET-input operational amplifier (op-amp) manufactured by Analog Devices. It is designed for applications requiring high speed, low noise, and high precision. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Manufacturer** | Analog Devices | | **Number of Channels** | 2 (Dual) | | **Input Type** | JFET (High Impedance) | | **Bandwidth (GBW)** | 18 MHz | | **Slew Rate** | 48 V/µs | | **Voltage Noise** | 3.3 nV/√Hz at 1 kHz | | **Supply Voltage Range** | ±5 V to ±18 V | | **Input Bias Current** | 15 pA (Typical) | | **Package** | 8-SOIC (with Exposed Pad) | --- ### 2. Core Features and Advantages * **Low Noise & Low Distortion:** The JFET input architecture provides exceptionally low voltage and current noise, making it ideal for high-fidelity audio and sensor signal conditioning. * **High Speed:** With an 18 MHz gain bandwidth and a 48 V/µs slew rate, it can handle fast signals with minimal settling time. * **Precision:** It features low offset voltage (typically 80 µV) and low input bias current, which reduces errors in high-impedance circuits. * **Thermal Management:** The "RDZ" suffix indicates an SOIC package with an **exposed pad** (EPAD), allowing for better heat dissipation in high-power or high-temperature environments. --- ### 3. Pin Configuration (8-SOIC EPAD) ```text +-------U-------+ OUTA | 1 8 | V+ -INA | 2 7 | OUTB +INA | 3 6 | -INB V- | 4 5 | +INB +---------------+ (Exposed Pad: Connect to V-) ``` --- ### 4. Typical Applications 1. **Photodiode Amplifiers:** The low bias current is perfect for converting small currents from light sensors into voltage. 2. **Professional Audio:** Used in high-end preamps and mixers due to its low distortion and low noise. 3. **Data Acquisition (DAQ):** Functions as a high-speed buffer or driver for high-resolution Analog-to-Digital Converters (ADCs). 4. **Medical Instrumentation:** Used in ECG/EEG equipment where high input impedance is critical. --- ### 5. Part Number Breakdown * **ADA4625-2:** Part family (2 indicates dual-channel). * **A:** Performance grade. * **RDZ:** Package type (SOIC_N_EP with Exposed Pad). * **R7:** Tape and Reel packaging (7-inch reel).
    ✨ Follow-up Questions
    • ⤷ How does the exposed pad (EPAD) impact the PCB layout for the ADA4625-2?
    • ⤷ What are the main differences between the JFET-input ADA4625 and a standard Bipolar op-amp?
    • ⤷ What is the recommended power supply decoupling strategy for this high-speed op-amp?