전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ADA4665-2ARMZ-R7

  • AI
    ## ADA4665-2ARMZ-R7: Technical Overview The **ADA4665-2ARMZ-R7** is a high-voltage, rail-to-rail input and output (RRIO) operational amplifier (Op-Amp) manufactured by Analog Devices. It is designed for low power consumption and versatility in high-density electronic circuits. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the component: | Parameter | Specification | | :--- | :--- | | **Number of Channels** | 2 (Dual) | | **Supply Voltage (Single)** | 5V to 16V | | **Supply Voltage (Dual)** | ±2.5V to ±8V | | **Gain Bandwidth Product (GBW)** | 1.2 MHz | | **Slew Rate** | 1 V/μs | | **Quiescent Current** | 290 μA per Amplifier | | **Input Bias Current** | 1 pA (Typical) | | **Output Current** | 30 mA | | **Package / Case** | MSOP-8 (ARMZ) | | **Packaging Type** | Tape & Reel (R7) | --- ### 2. Core Functional Features * **Rail-to-Rail Input/Output:** This allows the input and output signals to swing from the negative supply rail to the positive supply rail, maximizing the dynamic range of the signal. * **Low Input Bias Current:** Utilizing CMOS technology, the input bias current is extremely low (pico-ampere range), making it ideal for high-impedance sensor interfaces. * **High Voltage Capability:** Unlike many CMOS op-amps limited to 5V, this part supports up to 16V, making it suitable for industrial and automotive applications. * **Low Power:** With less than 300 μA per channel, it is optimized for battery-powered or heat-sensitive applications. --- ### 3. Applications and Use Cases The ADA4665-2 is commonly found in the following electronic systems: 1. **Photodiode Amplifiers:** Due to the ultra-low input bias current. 2. **Portable Instrumentation:** Where low power consumption is critical for battery life. 3. **Sensor Buffering:** Used to interface high-impedance sensors with Analog-to-Digital Converters (ADCs). 4. **Audio Preamplifiers:** Providing low distortion and rail-to-rail swing for line-level signals. --- ### 4. Circuit Implementation Example Below is a basic non-inverting amplifier configuration using the ADA4665-2. ```python # Gain Calculation Example # Vout = Vin * (1 + R2 / R1) R1 = 10000 # 10k Ohms R2 = 40000 # 40k Ohms Vin = 1.0 # 1 Volt gain = 1 + (R2 / R1) Vout = Vin * gain print(f"The calculated Gain is: {gain}") print(f"The Output Voltage is: {Vout}V") ```
    ✨ Follow-up Questions
    • ⤷ What are the noise performance characteristics of the ADA4665-2?
    • ⤷ How does the MSOP-8 package footprint affect thermal dissipation?
    • ⤷ What are the pinout differences between ADA4665-2 and standard dual op-amps?